Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D30VC80W Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # D30VC80W
Description  Silicon-Twin Rectifiers Center tap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

D30VC80W Datasheet(HTML) 1 Page - Diotec Semiconductor

  D30VC80W Datasheet HTML 1Page - Diotec Semiconductor D30VC80W Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid per diode – Gültig pro Diode
2) Max. case temperature T
C = 100
/C – Max. Gehäusetemperatur T
C = 100
/C
1
11.02.2003
Type ”W”
D30 VC20 … D30 VC80
Silicon-Twin Rectifiers
Silizium-Doppeldioden
Center tap
Mittelpunktschaltung
Type ”F”
Nominal current
30 A
Nennstrom
Alternating input voltage
60…250 V
Eingangswechselspannung
Plastic case with alu-bottom
Kunststoffgehäuse mit Alu-Boden
Dimensions
28.6 x 28.6 x 7.3 [mm]
Abmessungen
Weight approx.
23 g
Gewicht ca.
Recognized Product – UL-File E175067
Anerkanntes Produkt – UL Nr. E175067
Compound has classification UL94V-0
Vergußmasse UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging: bulk
see page 22
Standard Lieferform: lose im Karton s.S. 22
Maximum ratings
Grenzwerte
Type
Typ
max. alternating input voltage
max. Eingangswechselspannung
V
VRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
1)
D30 VC20 F/W
60
200
D30 VC40 F/W
120
400
D30 VC60 F/W
190
600
D30 VC80 F/W
250
800
Repetitive peak fwd. current – Period. Spitzenstrom
f > 15 Hz
I
FRM
80 A 2)
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
300 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing – Grenzlastintegral, t < 10 ms
T
A = 25
/Ci2t
450 A2s
Isolation voltage – Isolationsspannung
t = 1 min
V
ISO
> 2000 V
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+150
/C


Similar Part No. - D30VC80W

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D30VC60 SHINDENGEN-D30VC60 Datasheet
399Kb / 4P
Square In-line Package
More results

Similar Description - D30VC80W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DAN208 DIOTEC-DAN208 Datasheet
122Kb / 2P
Silicon-Twin Diodes Center tap
logo
International Rectifier
28CPQ IRF-28CPQ Datasheet
181Kb / 4P
28Amp Dual Schottky Center Tap Rectifiers
20CTQ030 IRF-20CTQ030 Datasheet
287Kb / 6P
AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS
logo
Diotec Semiconductor
D60VC20 DIOTEC-D60VC20_06 Datasheet
88Kb / 2P
Silicon-Twin-Rectifiers
DD810 DIOTEC-DD810 Datasheet
90Kb / 2P
Silicon Twin Rectifiers
DAN208 DIOTEC-DAN208_08 Datasheet
109Kb / 2P
Silicon-Twin Rectifiers ??Center Tap
logo
Frontier Electronics.
BCT8-005 FRONTIER-BCT8-005 Datasheet
125Kb / 2P
8A CENTER TAP RECTIFIERS
BCT8-005-LFR FRONTIER-BCT8-005-LFR Datasheet
126Kb / 2P
8A CENTER TAP RECTIFIERS
logo
Microsemi Corporation
UES2605R MICROSEMI-UES2605R Datasheet
344Kb / 6P
HIGH EFFICIENCY RECTIFIERS 30A Center-Tap
logo
New Jersey Semi-Conduct...
UES2601 NJSEMI-UES2601 Datasheet
131Kb / 3P
RECTIFIERS High Efficiency, 30A Center-Tap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com