Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D30VC80W Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # D30VC80W
Description  Silicon-Twin Rectifiers Center tap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

D30VC80W Datasheet(HTML) 2 Page - Diotec Semiconductor

  D30VC80W Datasheet HTML 1Page - Diotec Semiconductor D30VC80W Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid per diode – Gültig pro Diode
2
F:\Data\WP\DatBlatt\Einzelblätter\d30vc20-vc80.wpd
D30 VC20 … D30 VC80
Characteristics
Kennwerte
Max. current with cooling fin 300 cm2
T
A = 50
/CR-load
I
FAV
30.0 A
Dauergrenzstrom mit Kühlblech 300 cm2
C-load
I
FAV
26.0 A
Forward voltage – Durchlaßspannung
T
j = 25
/CI
F = 15 A
V
F
< 1.05 V 1)
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 25
:A
Thermal resistance junction to case
R
thC
< 1.0 K/W
Wärmewiderstand Sperrschicht – Gehäuse
Admissible torque for mounting
10-32 UNF
18 ± 10% lb.in
Zulässiges Anzugsdrehmoment
M 5
2 ± 10% Nm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com