Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-SC582 Datasheet(PDF) 19 Page - Analog Devices

Part # ADSP-SC582
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC582 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADSP-SC582 Datasheet HTML 15Page - Analog Devices ADSP-SC582 Datasheet HTML 16Page - Analog Devices ADSP-SC582 Datasheet HTML 17Page - Analog Devices ADSP-SC582 Datasheet HTML 18Page - Analog Devices ADSP-SC582 Datasheet HTML 19Page - Analog Devices ADSP-SC582 Datasheet HTML 20Page - Analog Devices ADSP-SC582 Datasheet HTML 21Page - Analog Devices ADSP-SC582 Datasheet HTML 22Page - Analog Devices ADSP-SC582 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 19 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
• Adaptable conversion type: allows single or continuous
conversion with option of autoscan
• Auto sequencing capability with up to 15 autoconversions
in a single session. Each conversion can be programmed to
select any 1–15 input channels.
• 16 data registers (individually addressable) to store conver-
sion values
USB 2.0 On-the-Go Dual-Role Device Controller
There are two USB modules + PHY. USB0 supports HS/FS/LS
USB2.0 OTG and USB1 supports HS/FS USB2.0 only and can be
programmed to be a host or device.
Each USB 2.0 OTG dual-role device controller provides a low-
cost connectivity solution for the growing adoption of this bus
standard in industrial applications, as well as consumer mobile
devices such as cell phones, digital still cameras, and MP3
players. The USB 2.0 controller allows these devices to transfer
data using a point-to-point USB connection without the need
for a PC host. The module can operate in a traditional USB
peripheral-only mode as well as the host mode presented in the
on-the-go (OTG) supplement to the USB 2.0 specification.
The USB clock is provided through a dedicated external crystal
or crystal oscillator.
The USB on-the-go dual-role device controller includes a phase
locked loop with programmable multipliers to generate the nec-
essary internal clocking frequency for USB.
Media Local Bus (MLB)
The automotive model has a MLB slave interface which allows
the processors to function as a media local bus device. It
includes support for both 3-pin and 6-pin media local bus pro-
tocols. MLB 3-pin supports speeds up to 1024 × FS and 6-pin up
to 4096 × FS (48 kHz). MLB also supports up to 63 logical chan-
nels, with up to 124 bytes of data per media local bus frame.
The MLB interface supports MOST25/50/150 data rates and
operates in slave mode only.
2-Wire Controller Interface (TWI)
The processors include three 2-wire interface (TWI) modules
for providing a simple exchange method of control data
between multiple devices. The TWI module is compatible with
the widely used I2C bus standard. The TWI module offers the
capabilities of simultaneous master and slave operation and
support for both 7-bit addressing and multimedia data arbitra-
tion. The TWI interface utilizes two pins for transferring clock
(TWI_SCL) and data (TWI_SDA) and supports the protocol at
speeds up to 400k bits/sec. The TWI interface pins are compati-
ble with 5 V logic levels.
Additionally, the TWI module is fully compatible with serial
camera control bus (SCCB) functionality for easier control of
various CMOS camera sensor devices.
General-Purpose I/O (GPIO)
Each general-purpose port pin can be individually controlled by
manipulation of the port control, status, and interrupt registers:
• GPIO direction control register: Specifies the direction of
each individual GPIO pin as input or output.
• GPIO control and status registers: A “write one to modify”
mechanism allows any combination of individual GPIO
pins to be modified in a single instruction, without affect-
ing the level of any other GPIO pins.
• GPIO interrupt mask registers: Allow each individual
GPIO pin to function as an interrupt to the processors.
GPIO pins defined as inputs can be configured to generate
hardware interrupts, while output pins can be triggered by
software interrupts.
• GPIO interrupt sensitivity registers: Specify whether indi-
vidual pins are level- or edge-sensitive and specify—if
edge-sensitive—whether just the rising edge or both the ris-
ing and falling edges of the signal are significant.
Pin Interrupts
Every port pin on the processors can request interrupts in either
an edge-sensitive or a level-sensitive manner with programma-
ble polarity. Interrupt functionality is decoupled from GPIO
operation. Six system-level interrupt channels (PINT0–5) are
reserved for this purpose. Each of these interrupt channels can
manage up to 32 interrupt pins. The assignment from pin to
interrupt is not performed on a pin-by-pin basis. Rather, groups
of eight pins (half ports) can be flexibly assigned to interrupt
channels.
Every pin interrupt channel features a special set of 32-bit mem-
ory-mapped registers that enable half-port assignment and
interrupt management. This includes masking, identification,
and clearing of requests. These registers also enable access to the
respective pin states and use of the interrupt latches, regardless
of whether the interrupt is masked or not. Most control registers
feature multiple MMR address entries to write-one-to-set or
write-one-to-clear them individually.
Mobile Storage Interface (MSI)
The mobile storage interface (MSI) controller acts as the host
interface for multimedia cards (MMC), secure digital memory
cards (SD), and secure digital input/output cards (SDIO). The
MSI controller has the following features:
• Support for a single MMC, SD memory, SDIO card
• Support for 1-bit and 4-bit SD modes
• Support for 1-bit, 4-bit, and 8-bit MMC modes
• Support for eMMC 4.3 embedded NAND flash devices
• An 11-signal external interface with clock, command,
optional interrupt, and up to 8 data lines
• Integrated DMA controller
• Card interface clock generation from CLKO9 from CDU
• SDIO interrupt and read wait features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com