Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-SC582 Datasheet(PDF) 21 Page - Analog Devices

Part # ADSP-SC582
Description  SHARC plus Dual Core DSP with ARM Cortex-A5
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC582 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADSP-SC582 Datasheet HTML 17Page - Analog Devices ADSP-SC582 Datasheet HTML 18Page - Analog Devices ADSP-SC582 Datasheet HTML 19Page - Analog Devices ADSP-SC582 Datasheet HTML 20Page - Analog Devices ADSP-SC582 Datasheet HTML 21Page - Analog Devices ADSP-SC582 Datasheet HTML 22Page - Analog Devices ADSP-SC582 Datasheet HTML 23Page - Analog Devices ADSP-SC582 Datasheet HTML 24Page - Analog Devices ADSP-SC582 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 168 page
background image
Preliminary Technical Data
Rev. PrF
|
Page 21 of 168
|
February 2016
ADSP-SC582/583/584/587/589/ADSP-21583/584/587
From a system perspective reset is defined by both the reset tar-
get and the reset source as described below.
Target defined:
• System reset: All functional units except the RCU are set to
their default states.
• Hardware reset: All functional units are set to their default
states without exception. History is lost.
• Core-only reset: Affects the core only. The system software
should guarantee that the core, while in reset state, is not
accessed by any bus master.
Source defined:
• System reset: May be triggered by software (writing to the
RCU_CTL register) or by another functional unit such as
the dynamic power management (DPM) unit or any of the
system event controllers (SEC), trigger routing unit (TRU),
or emulator inputs.
• Hardware reset: The SYS_HWRST input signal is asserted
active (pulled down).
• Core-only reset: Triggered by software.
• Trigger request (peripheral).
Real-Time Clock (RTC)
The real-time clock (RTC) provides a robust set of digital watch
features, including current time, stopwatch, and alarm. The
RTC is clocked by a 32.768 kHz crystal external to the processor.
Connect RTC pins RTC0_CLKIN and RTC0_XTAL with exter-
nal components as shown in Figure 6.
The RTC peripheral has dedicated power supply pins so that it
can remain powered up and clocked even when the rest of the
processor is in a low power state. The RTC provides several
programmable interrupt options, including interrupt per
second, minute, hour, or day clock ticks, interrupt on program-
mable stopwatch countdown, or interrupt at a programmed
alarm time.
The 32.768 kHz input clock frequency is divided down to a 1 Hz
signal by a prescaler. The counter function of the timer consists
of four counters: a 60-second counter, a 60-minute counter, a
24-hour counter, and a 32,768-day counter. When the alarm
interrupt is enabled, the alarm function generates an interrupt
when the output of the timer matches the programmed value in
the alarm control register. There are two alarms: The first alarm
is for a time of day. The second alarm is for a day and time of
that day.
The stopwatch function counts down from a programmed
value, with one-second resolution. When the stopwatch inter-
rupt is enabled and the counter underflows, an interrupt is
generated.
Clock Generation Unit (CGU)
The ADSP-SC58x/ADSP-2158x processors support two inde-
pendent PLLs. Each PLL is part of a clock generation unit
(CGU). (Refer to Figure 8 on Page 82.) Each CGU can either be
driven externally by the same clock source or each can be driven
by separate sources. This provides flexibility in determining the
internal clocking frequencies for each clock domain.
Frequencies generated by each CGU are derived from a com-
mon multiplier with different divider values available for each
output.
The clock generation unit (CGU) generates all on-chip clocks
and synchronization signals. Multiplication factors are pro-
grammed to define the PLLCLK frequency.
Programmable values divide the PLLCLK frequency to generate
the core clock (CCLK), the system clocks, the DDR1/2/3 clock
(DCLK), and the output clock (OCLK). For more information
on clocking, refer to the Clock Generation Unit (CGU) chapter
of the hardware reference manual.
Writing to the CGU control registers does not affect the behav-
ior of the PLL immediately. Registers are first programmed with
a new value, and the PLL logic executes the changes so that it
transitions smoothly from the current conditions to the new
conditions.
System Crystal Oscillator and USB Crystal Oscillator
The processor can be clocked by an external crystal, (Figure 7) a
sine wave input, or a buffered, shaped clock derived from an
external clock oscillator. If an external clock is used, it should be
a TTL compatible signal and must not be halted, changed, or
operated below the specified frequency during normal opera-
tion. This signal is connected to the SYS_CLKIN pin of the
processor. When an external clock is used, the SYS_XTAL pin
must be left unconnected. Alternatively, because the processor
includes an on-chip oscillator circuit, an external crystal may be
used.
For fundamental frequency operation, use the circuit shown in
Figure 7. A parallel-resonant, fundamental frequency, micro-
processor grade crystal is connected across the SYS_CLKIN and
SYS_XTAL pins. The on-chip resistance between SYS_CLKIN
and the SYS_XTAL pin is in the 500 kΩ range. Further parallel
resistors are typically not recommended.
The two capacitors and the series resistor shown in Figure 7
fine-tune phase and amplitude of the sine frequency. The capac-
itor and resistor values shown in Figure 7 are typical values
only. The capacitor values are dependent upon the load capaci-
tance recommendations of the crystal manufacturer and the
PCB physical layout. The resistor value depends on the drive
Figure 6. External Components for RTC
C1
C2
X1
RTC0_CLKIN
R1
RTC0_XTAL
NOTE: C1 AND C2 ARE SPECIFIC TO CRYSTAL SPECIFIED FOR X1.
CONTACT CRYSTAL MANUFACTURER FOR DETAILS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com