Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHQ0402P Datasheet(PDF) 3 Page - TDK Electronics

Part # MHQ0402P
Description  Inductors for High Frequency Circuits Multilayer Ceramic
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ0402P Datasheet(HTML) 3 Page - TDK Electronics

  MHQ0402P Datasheet HTML 1Page - TDK Electronics MHQ0402P Datasheet HTML 2Page - TDK Electronics MHQ0402P Datasheet HTML 3Page - TDK Electronics MHQ0402P Datasheet HTML 4Page - TDK Electronics MHQ0402P Datasheet HTML 5Page - TDK Electronics MHQ0402P Datasheet HTML 6Page - TDK Electronics MHQ0402P Datasheet HTML 7Page - TDK Electronics MHQ0402P Datasheet HTML 8Page - TDK Electronics MHQ0402P Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
(3/17)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mhq0402p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Inductors for High Frequency Circuits
Multilayer Ceramic
FEATURES
Unique ceramic material and configuration allows for the realization of high Q characteristics that are equivalent to that of air core wound
inductors.
Multilayer method allows for a lineup with fine increments of inductance.
APPLICATION
Smart phones, tablet terminals, high frequency modules (PAs, VCOs, FEMs , etc.), Bluetooth, W-LAN, UWB, tuners
and other high frequency circuits for the mobile communication industry
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
The Storage temperature range is for after the circuit board is mounted.
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
Overview of MHQ0402P Type
MHQ
0402
P
0N2
B
T
000
Series name
L×W×H Dimensions
(mm)
Characteristics
Inductance
(nH)
Inductance
tolerance
Packaging style
Internal code
0402
0.44×0.24×0.24
P
0N6
0.6
B
±0.1nH
T
Taping
000
1N1
1.1
C
±0.2nH
11N
11
S
±0.3nH
H±3%
J±5%
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(mg)
MHQ0402P
–55 to +125
–55 to +125
20000
0.11
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com