Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHQ0402P Datasheet(PDF) 7 Page - TDK Electronics

Part # MHQ0402P
Description  Inductors for High Frequency Circuits Multilayer Ceramic
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MHQ0402P Datasheet(HTML) 7 Page - TDK Electronics

Back Button MHQ0402P Datasheet HTML 3Page - TDK Electronics MHQ0402P Datasheet HTML 4Page - TDK Electronics MHQ0402P Datasheet HTML 5Page - TDK Electronics MHQ0402P Datasheet HTML 6Page - TDK Electronics MHQ0402P Datasheet HTML 7Page - TDK Electronics MHQ0402P Datasheet HTML 8Page - TDK Electronics MHQ0402P Datasheet HTML 9Page - TDK Electronics MHQ0402P Datasheet HTML 10Page - TDK Electronics MHQ0402P Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
(7/17)
INDUC
T
O
RS
20150105 / inductor_commercial_high-frequency_mhq0402p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MHQ0402P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
・ Short bar residual inductance =0.11nH
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
L measuring
frequency
Q
Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
(MHz)
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
1.6
±0.1nH
500
10
500
8.0
11.1
0.3
0.14
320
MHQ0402P1N6BT000
1.6
±0.2nH
500
10
500
8.0
11.1
0.3
0.14
320
MHQ0402P1N6CT000
1.6
±0.3nH
500
10
500
8.0
11.1
0.3
0.14
320
MHQ0402P1N6ST000
1.7
±0.1nH
500
10
500
8.0
10.7
0.3
0.15
320
MHQ0402P1N7BT000
1.7
±0.2nH
500
10
500
8.0
10.7
0.3
0.15
320
MHQ0402P1N7CT000
1.7
±0.3nH
500
10
500
8.0
10.7
0.3
0.15
320
MHQ0402P1N7ST000
1.8
±0.1nH
500
10
500
8.0
10.6
0.3
0.19
250
MHQ0402P1N8BT000
1.8
±0.2nH
500
10
500
8.0
10.6
0.3
0.19
250
MHQ0402P1N8CT000
1.8
±0.3nH
500
10
500
8.0
10.6
0.3
0.19
250
MHQ0402P1N8ST000
1.9
±0.1nH
500
10
500
8.0
10.6
0.4
0.25
250
MHQ0402P1N9BT000
1.9
±0.2nH
500
10
500
8.0
10.6
0.4
0.25
250
MHQ0402P1N9CT000
1.9
±0.3nH
500
10
500
8.0
10.6
0.4
0.25
250
MHQ0402P1N9ST000
2.0
±0.1nH
500
10
500
8.0
10.5
0.4
0.29
250
MHQ0402P2N0BT000
2.0
±0.2nH
500
10
500
8.0
10.5
0.4
0.29
250
MHQ0402P2N0CT000
2.0
±0.3nH
500
10
500
8.0
10.5
0.4
0.29
250
MHQ0402P2N0ST000
2.1
±0.1nH
500
10
500
6.0
8.9
0.4
0.20
250
MHQ0402P2N1BT000
2.1
±0.2nH
500
10
500
6.0
8.9
0.4
0.20
250
MHQ0402P2N1CT000
2.1
±0.3nH
500
10
500
6.0
8.9
0.4
0.20
250
MHQ0402P2N1ST000
2.2
±0.1nH
500
10
500
6.0
8.8
0.4
0.20
250
MHQ0402P2N2BT000
2.2
±0.2nH
500
10
500
6.0
8.8
0.4
0.20
250
MHQ0402P2N2CT000
2.2
±0.3nH
500
10
500
6.0
8.8
0.4
0.20
250
MHQ0402P2N2ST000
2.3
±0.1nH
500
10
500
6.0
8.4
0.4
0.17
200
MHQ0402P2N3BT000
2.3
±0.2nH
500
10
500
6.0
8.4
0.4
0.17
200
MHQ0402P2N3CT000
2.3
±0.3nH
500
10
500
6.0
8.4
0.4
0.17
200
MHQ0402P2N3ST000
2.4
±0.1nH
500
10
500
6.0
8.6
0.4
0.20
200
MHQ0402P2N4BT000
2.4
±0.2nH
500
10
500
6.0
8.6
0.4
0.20
200
MHQ0402P2N4CT000
2.4
±0.3nH
500
10
500
6.0
8.6
0.4
0.20
200
MHQ0402P2N4ST000
2.5
±0.1nH
500
10
500
6.0
8.3
0.4
0.20
200
MHQ0402P2N5BT000
2.5
±0.2nH
500
10
500
6.0
8.3
0.4
0.20
200
MHQ0402P2N5CT000
2.5
±0.3nH
500
10
500
6.0
8.3
0.4
0.20
200
MHQ0402P2N5ST000
2.6
±0.1nH
500
10
500
6.0
8.6
0.4
0.21
200
MHQ0402P2N6BT000
2.6
±0.2nH
500
10
500
6.0
8.6
0.4
0.21
200
MHQ0402P2N6CT000
2.6
±0.3nH
500
10
500
6.0
8.6
0.4
0.21
200
MHQ0402P2N6ST000
2.7
±0.1nH
500
10
500
6.0
8.0
0.4
0.21
200
MHQ0402P2N7BT000
2.7
±0.2nH
500
10
500
6.0
8.0
0.4
0.21
200
MHQ0402P2N7CT000
2.7
±0.3nH
500
10
500
6.0
8.0
0.4
0.21
200
MHQ0402P2N7ST000
2.8
±0.1nH
500
10
500
6.0
8.0
0.4
0.19
200
MHQ0402P2N8BT000
2.8
±0.2nH
500
10
500
6.0
8.0
0.4
0.19
200
MHQ0402P2N8CT000
2.8
±0.3nH
500
10
500
6.0
8.0
0.4
0.19
200
MHQ0402P2N8ST000
2.9
±0.1nH
500
10
500
6.0
8.3
0.4
0.22
200
MHQ0402P2N9BT000
Measurement item
Product No.
Manufacturer
L, Q
4991A+16196D
Agilent Technologies
Self-resonant frequency
8720C
Agilent Technologies
DC resistance
4338A
Yokogawa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com