Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3582 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC3582
Description  Low Noise and High Gain
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3582 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC3582 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
4
isc Silicon NPN RF Transistor
2SC3582
S-PARAMETER
VCE = 8 V, IC = 5 mA, ZO = 50Ω
f (MHz)
S11
S11
S21
S21
S12
S12
S22
S22
200
0.668
-45.8
11.385
128.9
0.049
83.5
0.833
-26.9
400
0.425
-61.5
7.014
103.7
0.063
76.3
0.681
-31.1
600
0.294
-73.2
5.189
88.6
0.088
68.5
0.620
-36.0
800
0.214
-79.4
3.967
75.4
0.103
64.5
0.580
-40.8
1000
0.167
-79.5
3.485
64.7
0.123
60.8
0.561
-46.3
1200
0.132
-79.8
2.831
57.0
0.147
55.9
0.549
-53.4
1400
0.098
-75.2
2.604
48.5
0.175
50.7
0.561
-60.3
1600
0.073
-72.0
2.182
39.1
0.192
47.9
0.573
-69.1
1800
0.071
-63.7
2.135
31.0
0.215
44.2
0.595
-71.8
2000
0.070
-60.6
1.879
21.6
0.221
38.0
0.617
-78.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com