Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3582 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC3582
Description  Low Noise and High Gain
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3582 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC3582 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC3582 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN RF Transistor
2SC3582
DESCRIPTION
·
Low Noise Figure, High Gain, and High Current Capability
Achieve a Very Wide Dynamic Range and Excellent Linearity.
·
Low Noise and High Gain
NF = 1.2 dB TYP. @f = 1.0 GHz
Ga = 12 dB TYP.
@f = 1.0 GHz
APPLICATIONS
·
Designed for use in low-noise and small signal amplifiers
from VHF ~ UHF band.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
10
V
VEBO
Emitter-Base Voltage
1.5
V
IC
Collector Current-Continuous
65
mA
PC
Collector Power Dissipation
@TC=25℃
0.6
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150


Similar Part No. - 2SC3582

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3582 NEC-2SC3582 Datasheet
99Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results

Similar Description - 2SC3582

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA428 INFINEON-BGA428_07 Datasheet
399Kb / 11P
Gain and PCS Low Noise Amplifier
Rev. 2.2, November 2007
logo
Advanced Semiconductor ...
ASL19D ASB-ASL19D Datasheet
430Kb / 6P
High Gain, Low Noise Amplifier
October 2010
ASL54T8 ASB-ASL54T8 Datasheet
498Kb / 13P
High Gain, Low Noise Amplifier
June 2014
ASL5463 ASB-ASL5463 Datasheet
440Kb / 10P
High Gain, Low Noise Amplifier
June 2014
logo
List of Unclassifed Man...
ANT-GPS-UC-SMA ETC2-ANT-GPS-UC-SMA Datasheet
222Kb / 1P
High-gain, low-noise design
logo
Inchange Semiconductor ...
2SC3585 ISC-2SC3585 Datasheet
308Kb / 6P
Low Noise and High Gain
2SC3583 ISC-2SC3583 Datasheet
300Kb / 6P
Low Noise and High Gain
2SC4227 ISC-2SC4227 Datasheet
172Kb / 8P
Low Noise, High Gain
2SC5064 ISC-2SC5064 Datasheet
326Kb / 7P
Low Noise and High Gain
logo
Yea Shin Technology Co....
2SC3356 YEASHIN-2SC3356 Datasheet
860Kb / 4P
Low Noise and High Gain
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com