Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3585 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC3585
Description  Low Noise and High Gain
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3585 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC3585 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3585 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3585 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3585 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3585 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC3585 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
4
isc Silicon NPN RF Transistor
2SC3585
S-PARAMETER
VCE = 6 V, IC = 3 mA, ZO = 50Ω
f (MHz)
S11
S11
S21
S21
S12
S12
S22
S22
200
0.858
-23.1
8.499
153.3
0.030
46.5
0.905
-13.5
400
0.724
-40.6
6.923
131.6
0.060
58.7
0.826
-21.2
600
0.580
-51.1
5.951
118.4
0.080
60.3
0.749
-27.0
800
0.457
-58.9
4.615
104.9
0.099
60.2
0.666
-28.6
1000
0.362
-65.6
4.134
98.0
0.106
61.2
0.614
-30.1
1200
0.304
-73.1
3.412
88.9
0.129
61.1
0.574
-30.0
1400
0.232
-82.2
3.180
82.0
0.148
60.1
0.542
-31.7
1600
0.179
-84.9
2.763
75.7
0.154
59.5
0.514
-35.2
1800
0.147
-88.2
2.726
70.5
0.188
58.7
0.483
-40.1
2000
0.108
-104.1
2.378
64.9
0.197
56.8
0.455
-42.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com