Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3585 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC3585
Description  Low Noise and High Gain
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3585 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC3585 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3585 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3585 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3585 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3585 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC3585 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
55
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC3585
VCE = 6 V, IC = 10 mA, ZO = 50Ω
f (MHz)
S11
S11
S21
S21
S12
S12
S22
S22
200
0.613
-37.0
16.141
133.9
0.021
52.5
0.781
-19.4
400
0.406
-53.6
10.096
111.5
0.053
70.6
0.651
-22.4
600
0.285
-56.0
7.640
101.4
0.064
73.0
0.590
-24.0
800
0.214
-57.6
5.564
90.7
0.089
71.7
0.548
-22.8
1000
0.156
-58.1
4.787
86.0
0.095
70.6
0.526
-23.3
1200
0.130
-54.2
3.876
79.3
0.119
70.3
0.506
-22.1
1400
0.105
-56.5
3.573
74.0
0.141
68.3
0.489
-24.8
1600
0.065
-55.0
3.058
69.4
0.158
68.9
0.470
-27.9
1800
0.042
-48.9
2.997
65.3
0.178
66.5
0.439
-31.4
2000
0.018
-65.6
2.590
60.7
0.202
66.2
0.426
-36.5
S-PARAMETER
S11e, S22e-FREQUENCY
CONDITION VCE = 6 V
200MHz Step



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com