Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3583 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC3583
Description  Low Noise and High Gain
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3583 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC3583 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3583 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3583 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3583 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3583 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC3583 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
4
isc Silicon NPN RF Transistor
2SC3583
S-PARAMETER
VCE = 8 V, IC = 5 mA, ZO = 50Ω
f (MHz)
︱
S11︱
∠
S11
︱
S21︱
∠
S21
︱
S12︱
∠
S12
︱
S22︱
∠
S22
200
0.728
-45.3
12.107
138.7
0.036
66.2
0.825
-21.6
400
0.490
-74.5
8.097
114.2
0.065
61.6
0.675
-26.6
600
0.343
-93.2
6.260
102.3
0.079
61.6
0.582
-29.0
800
0.253
-110.1
4.623
90.1
0.090
61.2
0.529
-28.6
1000
0.202
-131.1
4.004
83.6
0.101
61.3
0.500
-30.1
1200
0.176
-148.9
3.250
75.8
0.125
60.8
0.470
-31.4
1400
0.176
-162.8
3.021
69.4
0.144
60.0
0.448
-33.4
1600
0.179
173.9
2.575
63.4
0.160
59.8
0.427
-34.8
1800
0.186
163.3
2.520
58.9
0.188
59.1
0.406
-37.5
2000
0.211
151.1
2.183
53.4
0.202
58.9
0.386
-44.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com