Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3583 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC3583
Description  Low Noise and High Gain
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3583 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC3583 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3583 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3583 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC3583 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC3583 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC3583 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
5
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC3583
VCE = 8 V, IC = 20 mA, ZO = 50Ω
f (MHz)
S11
S11
S21
S21
S12
S12
S22
S22
200
0.366
-66.8
19.757
116.9
0.033
62.6
0.587
-22.5
400
0.194
-88.9
10.502
98.8
0.055
70.6
0.485
-23.8
600
0.124
-104.3
7.591
91.1
0.072
74.6
0.453
-24.3
800
0.077
-132.0
5.446
82.0
0.095
73.2
0.419
-23.2
1000
0.063
-156.4
4.653
77.6
0.107
72.1
0.413
-24.2
1200
0.065
179.5
3.754
71.6
0.135
72.1
0.392
-26.4
1400
0.074
168.0
3.460
66.5
0.164
70.1
0.369
-29.9
1600
0.108
147.0
2.934
61.9
0.178
69.6
0.347
-32.2
1800
0.116
137.6
2.870
58.2
0.205
66.3
0.333
-34.3
2000
0.134
131.2
2.479
53.4
0.221
64.0
0.312
-42.1
S-PARAMETER
S11e, S22e-FREQUENCY
CONDITION VCE = 8 V
200MHz Step



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com