Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4197 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC4197
Description  High Gain Bandwidth Product
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4197 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC4197 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4197 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4197 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4197 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4197 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4197 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
5
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC4197
S-PARAMETER(Emitter Common)
VCE = 5 V, IC = 5 mA, ZO = 50Ω
f
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.744
–48.4
13.142
145.9
0.034
67.5
0.876
–19.1
200
0.599
–85.5
9.669
123.5
0.053
55.9
0.702
–28.2
300
0.506
–110.7
7.201
109.5
0.064
52.6
0.586
–30.9
400
0.457
–128.9
5.696
100.6
0.072
52.7
0.520
–31.2
500
0.440
–143.5
4.687
93.9
0.079
54.3
0.480
–31.2
600
0.430
–155.1
3.977
88.1
0.087
57.1
0.452
–31.5
700
0.437
–163.2
3.453
83.5
0.095
59.4
0.432
–31.7
800
0.441
–170.9
3.070
79.1
0.104
61.3
0.417
–32.4
900
0.452
–177.1
2.746
75.4
0.113
63.6
0.402
–33.4
1000
0.462
177.5
2.508
71.9
0.122
65.6
0.390
–34.5
VCE = 5 V, IC = 10 mA, ZO = 50Ω
f
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.585
–69.3
19.233
134.4
0.028
63.8
0.768
–25.6
200
0.460
–110.1
12.238
112.6
0.041
58.1
0.564
–31.4
300
0.408
–133.9
8.571
101.3
0.052
60.0
0.468
–30.5
400
0.390
–149.7
6.608
94.5
0.062
62.9
0.420
–29.1
500
0.390
–160.7
5.348
88.7
0.073
65.3
0.394
–28.1
600
0.391
–169.8
4.503
84.4
0.084
67.7
0.375
–27.8
700
0.404
–176.7
3.884
80.3
0.095
69.1
0.361
–27.7
800
0.411
178.0
3.446
76.8
0.107
70.3
0.350
–28.2
900
0.426
173.1
3.069
73.4
0.119
71.5
0.339
–29.0
1000
0.436
169.8
2.803
70.7
0.131
72.2
0.330
–29.7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com