Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4197 Datasheet(PDF) 6 Page - Inchange Semiconductor Company Limited

Part # 2SC4197
Description  High Gain Bandwidth Product
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4197 Datasheet(HTML) 6 Page - Inchange Semiconductor Company Limited

  2SC4197 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4197 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4197 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4197 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC4197 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC4197 Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
6
isc Silicon NPN RF Transistor
2SC4197
Y-PARAMETER(Emitter Common)
VCE = 5 V, IC = 5 mA, ZO = 50Ω
f
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
2.663
5.357
161.804
–34.193
–0.002
–0.425
0.055
0.627
200
5.558
10.174
147.899
–63.499
–0.012
–0.880
0.025
1.270
300
9.651
13.450
125.634
–87.205
–0.041
–1.354
0.026
2.024
400
14.160
15.066
102.261
–102.289
–0.093
–1.820
0.044
2.772
500
18.753
15.624
80.041
–110.827
–0.150
–2.309
0.048
3.510
600
23.019
14.727
57.826
–114.923
–0.214
–2.798
0.124
4.301
700
26.444
13.908
40.437
–113.783
–0.263
–3.305
0.211
4.964
800
29.378
12.040
24.049
–111.316
–0.379
–3.822
0.268
5.828
900
31.931
9.960
10.602
–106.726
–0.466
–4.371
0.407
6.578
1000
33.671
7.667
–0.922
–101.485
–0.586
–4.913
0.524
7.381
VCE = 5 V, IC = 10 mA, ZO = 50Ω
f
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
5.212
6.660
273.909
–97.915
–0.002
–0.430
0.029
0.527
200
10.124
10.767
208.225
–154.453
–0.015
–0.876
0.011
1.307
300
15.094
11.730
141.558
–172.198
–0.044
–1.347
0.047
2.035
400
18.933
10.991
93.174
–169.490
–0.089
–1.817
0.064
2.735
500
21.811
10.074
58.181
–158.809
–0.133
–2.299
0.096
3.501
600
23.927
8.389
32.829
–146.284
–0.195
–2.785
0.173
4.226
700
25.848
7.170
15.188
–134.592
–0.276
–3.302
0.224
5.010
800
26.851
5.955
2.733
–123.322
–0.353
–3.808
0.282
5.760
900
28.097
4.633
–7.642
–113.209
–0.443
–4.375
0.394
6.551
1000
28.686
3.829
–13.979
–104.651
–0.523
–4.908
0.466
7.215



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com