Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4005 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC4005
Description  High DC current gain.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4005 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC4005 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4005 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon NPN Power Transistor
2SC4005
DESCRIPTION
·High DC current gain.
·Large current capacity and wide ASO.
·On-chip Zener diode of 50±8V between collector and
base.
·Large inductive load handling capability.
·Micaless package facilitating mounting.
APPLICATIONS
·Designed for use in switching of L load (motor
drivers, printer hammer drivers, relay drivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
42
V
VCEO
Collector-Emitter Voltage
42
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
2
A
ICM
Collector Current-Pulse
4
A
IB
Base Current-Continuous
0.4
A
PT
Total Power Dissipation @TC=25℃
15
W
Total Power Dissipation @Ta=25℃
2.0
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃


Similar Part No. - 2SC4005

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4005 SANYO-2SC4005 Datasheet
87Kb / 3P
Driver Applications?
More results

Similar Description - 2SC4005

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MJE700 SAMSUNG-MJE700 Datasheet
252Kb / 6P
NPN (HIGH DC CURRENT GAIN)
TIP105 SAMSUNG-TIP105 Datasheet
262Kb / 6P
PNP (HIGH DC CURRENT GAIN MIN
TIP145F SAMSUNG-TIP145F Datasheet
175Kb / 4P
PNP (HIGH DC CURRENT GAIN)
logo
Rohm
2SB1183 ROHM-2SB1183 Datasheet
59Kb / 1P
Darlington connection for high DC current gain.
logo
New Jersey Semi-Conduct...
2N5611 NJSEMI-2N5611 Datasheet
71Kb / 2P
DC Current Gain-
logo
Inchange Semiconductor ...
2SD1606 ISC-2SD1606 Datasheet
137Kb / 2P
High DC Current Gain
logo
Unisonic Technologies
BD135G-XX-AA3-R UTC-BD135G-XX-AA3-R Datasheet
121Kb / 3P
high DC current gain
NP1510G-XX-AN6-R UTC-NP1510G-XX-AN6-R Datasheet
122Kb / 3P
High DC current gain
logo
SHIKUES Electronics
2SB624 SKTECHNOLGY-2SB624 Datasheet
635Kb / 1P
Micro package High dc current gain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com