Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012Y301BT000 Datasheet(PDF) 3 Page - TDK Electronics

Part # MMZ2012Y301BT000
Description  Chip Beads For general signal line
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012Y301BT000 Datasheet(HTML) 3 Page - TDK Electronics

  MMZ2012Y301BT000 Datasheet HTML 1Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 2Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 3Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 4Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 5Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 6Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 7Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 8Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
(3/11)
20150203 / beads_commercial_signal_mmz2012_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
Chip Beads
For general signal line
FEATURES
Noise reduction solution for general signal line.
Various frequency characteristics with 8 materials of different features for countermeasures against everything from general signals to
high-speed signals.
APPLICATION
Noise removal for mobile devices such as smartphones and tablet terminals, and various modules.
Noise removal for PCs and recorders, household appliances such as STBs, smart grids, and industrial equipment.
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
The Storage temperature range is for after the circuit board is mounted.
Overview of MMZ2012 Type
MMZ
2012
S
150
A
T
000
Series name
L×W×T Dimensions
Material name
Impedance
Characteristic
type
Packaging style
Internal code
(mm)
(
:) at 100MHz
2012
2.0×1.25x0.85
D
121
120
A
T
Taping
000
R
150
15
B
S
Y
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
(°C)
Storage
temperature
(°C)
(pieces/reel)
(mg)
MMZ2012
–55 to +125
–55 to +125
4,000
8
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com