Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012Y301BT000 Datasheet(PDF) 7 Page - TDK Electronics

Part # MMZ2012Y301BT000
Description  Chip Beads For general signal line
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012Y301BT000 Datasheet(HTML) 7 Page - TDK Electronics

Back Button MMZ2012Y301BT000 Datasheet HTML 3Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 4Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 5Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 6Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 7Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 8Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 9Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 10Page - TDK Electronics MMZ2012Y301BT000 Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
(7/11)
20150203 / beads_commercial_signal_mmz2012_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
EMC Components
MMZ2012 Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
Impedance
DC resistance
Rated current
Part No.
[100MHz]
(
:)
Tolerance
(
:)max.
(mA)max.
15
±25%
0.05
1500
MMZ2012R150AT000
30
±25%
0.05
1500
MMZ2012R300AT000
60
±25%
0.10
1000
MMZ2012R600AT000
120
±25%
0.12
800
MMZ2012R121AT000
300
±25%
0.15
600
MMZ2012R301AT000
600
±25%
0.20
500
MMZ2012R601AT000
1000
±25%
0.30
500
MMZ2012R102AT000
40
±25%
0.10
1000
MMZ2012S400AT000
80
±25%
0.10
800
MMZ2012S800AT000
120
±25%
0.15
800
MMZ2012S121AT000
180
±25%
0.15
600
MMZ2012S181AT000
300
±25%
0.20
600
MMZ2012S301AT000
600
±25%
0.30
500
MMZ2012S601AT000
1000
±25%
0.35
500
MMZ2012S102AT000
15
±25%
0.05
1500
MMZ2012Y150BT000
30
±25%
0.05
1500
MMZ2012Y300BT000
60
±25%
0.10
1000
MMZ2012Y600BT000
120
±25%
0.12
800
MMZ2012Y121BT000
300
±25%
0.15
600
MMZ2012Y301BT000
600
±25%
0.20
500
MMZ2012Y601BT000
1000
±25%
0.30
500
MMZ2012Y102BT000
1500
±25%
0.40
500
MMZ2012Y152BT000
2000
±25%
0.50
400
MMZ2012Y202BT000
80
±25%
0.30
500
MMZ2012D800BT000
120
±25%
0.30
500
MMZ2012D121BT000
300
±25%
0.50
400
MMZ2012D301BT000
Measurement item
Product No.
Manufacturer
Impedance
E4991A+16192A
Agilent Technologies
DC resistance
Type-7556
Yokogawa



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com