Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5MB Datasheet(PDF) 2 Page - Taiwan Memory Technology

Part # S5MB
Description  5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S5MB Datasheet(HTML) 2 Page - Taiwan Memory Technology

  S5MB Datasheet HTML 1Page - Taiwan Memory Technology S5MB Datasheet HTML 2Page - Taiwan Memory Technology S5MB Datasheet HTML 3Page - Taiwan Memory Technology S5MB Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_D1411017
Version: B15
M4
SMB
3,000 / 13" Plastic reel
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
PACKAGE
PACKING
H
R5
G
SMB
850 / 7" Plastic reel
R4
SMB
3,000 / 13" Paper reel
Taiwan Semiconductor
PACKING CODE
PACKING CODE
SUFFIX
S5GB - S5MB
ORDERING INFORMATION
PART NO.
SUFFIX
S5xB
(Note 1)
Note 1: "x" defines voltage from 400V (S5GB) to 1000V (S5MB)
EXAMPLE
PREFERRED
PART NO.
RATINGS AND CHARACTERISTICS CURVES
S5MB
S5MBHR5G
H
R5
G
AEC-Q101 qualified
Green compound
0
1
2
3
4
5
6
0
25
50
75
100
125
150
LEAD TEMPERATURE (°C)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
10
100
1000
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.1
1
10
100
0
20
406080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
100
0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3 1.4 1.5 1.6
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
Pulse Width=300μs
1% Duty Cycle
TJ=25°C
TJ=125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com