Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5MB Datasheet(PDF) 1 Page - Taiwan Memory Technology

Part # S5MB
Description  5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

S5MB Datasheet(HTML) 1 Page - Taiwan Memory Technology

  S5MB Datasheet HTML 1Page - Taiwan Memory Technology S5MB Datasheet HTML 2Page - Taiwan Memory Technology S5MB Datasheet HTML 3Page - Taiwan Memory Technology S5MB Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
FEATURES
- Glass passivated chip junction
- Ideal for automated placement
- Low forward voltage drop
- High surge current capability
- Halogen-free according to IEC 61249-2-21
MECHANICAL DATA
Case:
DO-214AA (SMB)
Molding compound, UL flammability classification rating 94V-0
Moisture sensitivity level: level 1, per J-STD-020
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
Polarity:
Indicated by cathode band
Weight:
0.09 g (approximately)
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
TJ=25°C
TJ=125°C
TJ=25°C
TJ=125°C
TJ=25°C
TJ=125°C
CJ
pF
RθJL
RθJA
TJ
°C
TSTG
°C
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V DC
Document Number: DS_D1411017
Version: B15
DO-214AA (SMB)
°C/W
13
47
10
250
Maximum reverse current @ rated VR
40
- 55 to +150
Typical thermal resistance
Peak forward surge current, 1 ms single half
sine-wave superimposed on rated load
200
150
540
290
1.1
400
600
800
1000
600
800
1000
S5
MB
400
280
420
560
700
S5GB - S5MB
5A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Unit
A
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SYMBOL
S5
GB
Maximum instantaneous forward voltage (Note 1)
@ 5 A
VF
Maximum average forward rectified current
IFSM
5
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
S5
JB
S5
KB
Storage temperature range
Operating junction temperature range
- 55 to +150
Taiwan Semiconductor
Typical junction capacitance (Note 2)
V
IR
μA
PARAMETER


Similar Part No. - S5MB

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
S5MB GWSEMI-S5MB Datasheet
65Kb / 2P
5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
S5MB TSC-S5MB Datasheet
187Kb / 4P
Surface Mount Glass Passivated Rectifiers
logo
Shenzhen Yixinwei Techn...
S5MB YIXIN-S5MB Datasheet
93Kb / 2P
5.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Shanghai Yint Electroni...
S5MB YINT-S5MB Datasheet
492Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Zibo Seno Electronic En...
S5MBF ZSELEC-S5MBF Datasheet
96Kb / 2P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
More results

Similar Description - S5MB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S8GC TSC-S8GC_14 Datasheet
232Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
DBLS204G-T TSC-DBLS204G-T Datasheet
296Kb / 4P
2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T_16 Datasheet
296Kb / 4P
2A, 400V - 1000V Glass Passivated Bridge Rectifiers
TS15P04G-K TSC-TS15P04G-K_16 Datasheet
204Kb / 4P
15A, 400V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
S8GC TMT-S8GC_16 Datasheet
184Kb / 4P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
S8GC-T TSC-S8GC-T Datasheet
290Kb / 5P
8A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S10GC TSC-S10GC Datasheet
288Kb / 5P
10A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S12GC TSC-S12GC Datasheet
289Kb / 5P
12A, 400V - 1000V Surface Mount Glass Passivated Rectifier
S15GC TSC-S15GC Datasheet
176Kb / 4P
15A, 400V - 1000V Surface Mount Glass Passivated Rectifiers
S5GBH TSC-S5GBH Datasheet
414Kb / 6P
5A, 400V - 1000V Surface Mount Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com