Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML2011 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # ML2011
Description  GSM SINGLE-CHIP BASEBAND PROCESSOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ML2011 Datasheet(HTML) 1 Page - Broadcom Corporation.

  ML2011 Datasheet HTML 1Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML2011
®
GSM SINGLE-CHIP BASEBAND PROCESSOR
GSM Handset Terminal Using ML2011
• Single 200-pin FBGA device (13 mm x 13 mm)
• GSM voice handset capabilities
• Data capability
• GSM single slot up to 14.4 Kbps
• Multi-voltage SIM and IrDA compliant interfaces
• GSM850, E-GSM900, GSM1800, and GSM1900 bands
• Extremely low power design: 3V I/O and 2V core
• Two UART serial ports for data/fax/testing
• Flexible RF transceiver control interface:
• Integrated PA controller
• APC DAC with ramping RAM
• Support straight or multiplexed I&Q
• Schedule-based programmable serial control
• Power/cost-flexible audio circuitry
• Noise suppression and echo cancellation for speakerphone and
car phone environments
• Sidetone/microphone amplification control
• High output speaker driver
• Flexible clock rates for processors (0 to 52 MHz)
• Real-time clock and alarm
• Comprehensive GSM handset software
• Layer 2/3 and user interface software
• For bar-type and flip-type GSM handsets
• Multiple LCD panels (B&W to 65K color)
• Polyphonic ringer interface
• Multicolored LED notifications/backlight
• Type approved Phase 2+ multiband protocol stack
• Fully functional GSM handset user interface
• Foreign language fonts, including Chinese
• Startup animations, songs, games, and ring tones
• Unicode SMS and full EMS messaging
• SIM Application Toolkit (SATK)
• Fully integrated Layer 1, including all drivers
• AT commands (7.05 and 7.07)
• Phase 2+ supplemental services
• Error correction: Radio Link Protocol (RLP)
• Complete development system available
FE A T UR E S
SU MM AR Y O F B E N E FI TS
ML2011
Flash
SRAM
Protocol Processing,
Man-Machine
Interface
(ARM RISC)
Physical Layer
Processing,
Speech CODEC,
Baseband CODEC
(Oak DSP)
RF
Transceiver
Data
Terminal
Equipment
Keypad
SIM
Display 2
Display 1


Similar Part No. - ML2011

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
ML2010-R005-FB RCD-ML2010-R005-FB Datasheet
38Kb / 1P
LOW-OHM CHIP RESISTORS, 0.1W TO 3W
ML2010-R005-FT RCD-ML2010-R005-FT Datasheet
38Kb / 1P
LOW-OHM CHIP RESISTORS, 0.1W TO 3W
ML2010-R005-GB RCD-ML2010-R005-GB Datasheet
38Kb / 1P
LOW-OHM CHIP RESISTORS, 0.1W TO 3W
ML2010-R005-GT RCD-ML2010-R005-GT Datasheet
38Kb / 1P
LOW-OHM CHIP RESISTORS, 0.1W TO 3W
ML2010-R005-JB RCD-ML2010-R005-JB Datasheet
38Kb / 1P
LOW-OHM CHIP RESISTORS, 0.1W TO 3W
More results

Similar Description - ML2011

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM2121 BOARDCOM-BCM2121 Datasheet
131Kb / 2P
GPRS/GSM SINGLE CHIP BASEBAND PROCESSOR
logo
Analog Devices
AD6526 AD-AD6526 Datasheet
86Kb / 1P
GSM/GPRS Digital Baseband Processor
logo
Broadcom Corporation.
BCM2132 BOARDCOM-BCM2132 Datasheet
514Kb / 2P
EDGE/GPRS/GSM SINGLE-CHIP MULTIMEDIA BASEBAND PROCESSOR
logo
List of Unclassifed Man...
PL-6313 ETC1-PL-6313 Datasheet
314Kb / 2P
Single-Chip GPS Baseband Processor
logo
Analog Devices
AD6526 AD-AD6526_15 Datasheet
92Kb / 1P
GSM/GPRS Digital Baseband Processor
Rev. PrA
logo
Cypress Semiconductor
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com