Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5819PL Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # B5819PL
Description  Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

B5819PL Datasheet(HTML) 1 Page - Nanjing International Group Co

  B5819PL Datasheet HTML 1Page - Nanjing International Group Co B5819PL Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B5819PL
B5817PL
Forward Voltage
B5817PL
B5819PL
B5818PL
itive Reverse Voltage
B5817PL
B5819
B5818PL
Maximum RMS Voltage
B5817PL
B5817PL---K2; B5818PL---K3 ; B5819PL---K4
THRU
Schottky Barrier
Diodes
20 to 40 Volts
Features
•
High-Surge-Capability
•
Low Forward Voltage
•
Low-Profile-Package
Mechanical Data
Symbol
Rating
Rating
Unit
14
21
V
VRRM
Repet
20
30
V
IF(AV)
Rectified Current (Average) Half Wave
Rectification with Resist. Load at
TL=90
OC
1.0
A
IFSM
Surge Forward Current at ,TL=70
OC,8.3ms
30
A
RthJA
TJ
Junction Temperature
-65 to +125
OC
TSTG
Storage Temperature
-65 to +125
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
---
---
0.45
0.56
---
---
V
IR
Leakage Current
---
---
0.1
9.0
----
---
mA
mA
Cj
Typical--Junction--Capacitance
@f=1.0MHz,Vr=4V
---
110
---
pF
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
B
E
C
D
H
G
SOD-123FL
PL
28
40
RthJC
RthJL
Typical Thermal Resistance
(Note2)
OC/W
88
43
30
PD
Power Dissipation
OC/W
OC/W
1.14
W
(@1A dc)
0.60
---
---
VRMS
Maximum Ratings
@TA=25
@TA=100
OC
OC
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
2. Thermal Resistence : PC Board Mounted on 0.2*0.2"(5*5mm) copper pad area.
•
Marking Code:
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Packaging: SOD-123FL
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
A
.140
.152
3.55
3.85
B
.100
.122
2.55
3.10
C
.055
.075
1.40
1.90
D
.035
.053
0.90
1.35
E
.020
.041
0.50
1.05
G
.010
-----
0.25
-----
H
-----
.010
----
.25
Schottky Barrier Diodes
B5819PL
B5818PL


Similar Part No. - B5819PL

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
B5819PL DGNJDZ-B5819PL Datasheet
1Mb / 4P
SOD-123FL Plastic-Encapsulate Dio des
B5819PL-1A-SOD-123FL DGNJDZ-B5819PL-1A-SOD-123FL Datasheet
147Kb / 2P
Schottky Barrier Diodes
More results

Similar Description - B5819PL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com