Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5819PL Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # B5819PL
Description  Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

B5819PL Datasheet(HTML) 2 Page - Nanjing International Group Co

  B5819PL Datasheet HTML 1Page - Nanjing International Group Co B5819PL Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B5818PL
B5817PL
B5819PL
B5817PL-B5819PL
Fig. 1-TYPICAL FORWARD CURRENT
Fig. 2-TYPICAL FORWARD CHARACTERISTICS
Fig. 3-TYPICAL REVERSE CHARACTERISTICS
Fig. 4-FORWARD SURGE CURRENT
Fig. 5-TYPICAL JUNCTION CAPACITANCE
.1
.4
1.0
4
10
40
REVERSE VOLTAGE(V)
10
20
40
60
100
200
400
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0
20 40 60 80 100 120 140
.001
.01
.10
1.0
10
100
30
25
20
15
10
5
0
1
2
4
5 10 20
50
100
NUMBER OF CYCLES 60Hz
LEAD TEMPERATURE (
)
INSTANTANEOUS FORWARD COLTAGE (V)
0
20 40
60 80 100 120 140
0
OC
1.0
0.75
0.25
20
10
1.0
0.1
TJ=25
TJ=75
TJ=125
OC
OC
OC
.1 .3 .5 .7 .9 1.1
2.1
1.3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com