Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5819WS Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # B5819WS
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

B5819WS Datasheet(HTML) 1 Page - Nanjing International Group Co

  B5819WS Datasheet HTML 1Page - Nanjing International Group Co B5819WS Datasheet HTML 2Page - Nanjing International Group Co B5819WS Datasheet HTML 3Page - Nanjing International Group Co B5819WS Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOD-323 Plastic-Encapsulate Diodes
B5817WS-5819WS SCHOTTKY BARRIER DIODE
FEATURES
For use in low voltage, high frequency inverters
Free wheeling, and polarity protection applications
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25
℃
Parameter
Symbol
B5817WS
B5818WS B5819WS
Unit
Non-repetitive peak reverse voltage
VRM
20
30
40
V
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
20
30
40
V
RMS reverse voltage
VR(RMS)
14
21
28
V
Average rectified output current
IO
1
A
Repetitive peak forward current
IFRM
1.5
A
Power dissipation
Pd
250
mW
Thermal resistance junction to
ambient
RθJA
400
℃
/W
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unles s other wise specified)
Pa
rameter
Symbol
Test c onditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR= 1mA
B5817WS
B5818WS
B5819WS
20
30
40
V
Reverse voltage leakage current
IR
VR=20V
B5817WS
VR=30V
B5818WS
VR=40V
B5819WS
1
mA
B5817WS
IF=1A
IF=3A
0.45
0.75
V
B5818WS
IF=1A
IF=3A
0.55
0.875
V
Forward voltage
VF
B5819WS
IF=1A
IF=3A
0.6
0.9
V
Diode capacitance
CD
VR=4V, f=1MHz
120
pF
SOD-323
Storage temperature
TSTG
-
55~+150
℃
Junction temperature
TJ
1
25
℃
1
C,Oct,2014
MARKING:
B5818WS:SK
B5819WS:SL
B5817WS:SJ
The marking bar indicates the cathode
Solid dot = Green molding compound device,if none,
the normal device.
Non-repetitive Peak Forward Surge Current
@t=8.3ms
IFSM
A
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - B5819WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B5819WS JIANGSU-B5819WS Datasheet
126Kb / 2P
SCHOTTKY BARRIER DIODE
logo
Weitron Technology
B5819WS WEITRON-B5819WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
B5819WS BILIN-B5819WS Datasheet
244Kb / 4P
Schottky Barrier Diode
logo
Shenzhen Ping Sheng Ele...
B5819WS PFS-B5819WS Datasheet
1Mb / 2P
SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
B5819WS MCC-B5819WS Datasheet
318Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results

Similar Description - B5819WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com