Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD1221 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESD1221
Description  Cellular Handsets and Accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESD1221 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESD1221 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1221 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1221 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1221 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESD1221
Description
ESD1221 is designed to protect voltage sensitive
components from ESD. Excellent clamping capability,
low leakage, and fast response time provide best in
class protection on designs that are exposed to ESD.
Because of its small size, it is suited for use in cellu-
lar phones and many other portable applications
where board space is at a premium.
ESD1221 is in a 2 -pin DFN0603 package with a
nominal height of only 0.3mm. It gives the designer
the flexibility to protect single lines in applications
where arrays are not practical. The combination of
small size and high ESD surge capability makes
them ideal for use in portable applications.
Application
Cellular Handsets and Accessories
Digital cameras
Mobile telephone
Portable applications
GPS
Features
Small Body Outline Dimension:
0.60mm x 0.30mm
 Low Body Height
IEC 61000-4-2 Level 4 ESD Protection
Low Leakage
Stand-off Voltage: 12V
Response Time is Typically<1.0ns
This is a Pb-Free Device
Circuit Diagram/Pin Configuration
DFN0603(Bottom view)
1-Line Uni-direction ESD protect diode
Rev : 01.06.2014
1/4
www.leiditech.com


Similar Part No. - ESD1221

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD1221C LEIDITECH-ESD1221C Datasheet
1Mb / 7P
LOW CLAMPING & CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - ESD1221

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM6M4068 TRIQUINT-TQM6M4068 Datasheet
107Kb / 1P
GSM/GPRS Handsets and Modems
logo
Skyworks Solutions Inc.
SKY77570 SKYWORKS-SKY77570_12 Datasheet
82Kb / 2P
Quad-band cellular handsets encompassing
SKY77573 SKYWORKS-SKY77573_21 Datasheet
84Kb / 2P
Quad-band cellular handsets encompassing
SKY77573 SKYWORKS-SKY77573_31 Datasheet
82Kb / 2P
Quad-band cellular handsets encompassing
SKY77576 SKYWORKS-SKY77576_11 Datasheet
85Kb / 2P
Quad-band cellular handsets encompassing
SKY77580 SKYWORKS-SKY77580 Datasheet
79Kb / 2P
Dual-band cellular handsets encompassing
SKY77585 SKYWORKS-SKY77585 Datasheet
88Kb / 2P
Quad-band cellular handsets encompassing
SKY77590 SKYWORKS-SKY77590 Datasheet
87Kb / 2P
Quad-band cellular handsets encompassing
SKY77916 SKYWORKS-SKY77916_11 Datasheet
96Kb / 2P
Cellular handsets encompassing Quad-Band GSM-EDGE
logo
Guangdong Youtai Semico...
BST23AXX2V UMW-BST23AXX2V Datasheet
411Kb / 5P
Cellular Handsets and Accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com