Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD1221 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESD1221
Description  Cellular Handsets and Accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESD1221 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESD1221 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1221 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1221 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESD1221 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (TA=25℃ unless otherwise specified)
Absolute Maximum Ratings (TA=25℃ unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
12
V
Pin 1 to Pin 2
Breakdown Voltage
VBR
13.3
V
IBV=1mA
Leakage Current
ILeak
1
μA
VRWM=12V
Clamping Voltage
VC
14.5
V
IPP=1A , tp=8/20μs
Clamping Voltage
VC
18
V
IPP=4A , tp=8/20μs
Junction Capacitance
CJ
30
pF
VR=0V, f=1MHz,
Parameter
Symbol
Value
Unit
ESD per IEC61000-4-2 (Air)
ESD per IEC61000-4-2 (Contact)
VESD
±15
±8
kV
Peak Pulse Power (tp=8/20μs)
Ppk
72
W
Peak Pulse Current (tp=8/20μs)
Ipp
4
A
Operating Temperature Range
TJ
-55 to +125
℃
Lead Solder Temperature –Maximum
TL
260
℃
Storage Temperature Range
Tstg
-55 to +150
℃
ESD1221
Rev : 01.06.2014
2/4
www.leiditech.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com