Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC030 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CLC030 Datasheet HTML 8Page - National Semiconductor (TI) CLC030 Datasheet HTML 9Page - National Semiconductor (TI) CLC030 Datasheet HTML 10Page - National Semiconductor (TI) CLC030 Datasheet HTML 11Page - National Semiconductor (TI) CLC030 Datasheet HTML 12Page - National Semiconductor (TI) CLC030 Datasheet HTML 13Page - National Semiconductor (TI) CLC030 Datasheet HTML 14Page - National Semiconductor (TI) CLC030 Datasheet HTML 15Page - National Semiconductor (TI) CLC030 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Device Operation (Continued)
MULTI-FUNCTION I/O PORT
The multi-function I/O port can be configured to provide
immediate access to many control and indicator functions
within the CLC030 configuration and control registers. The
individual pins comprising this port are assigned as input or
output for selected bits in the control data registers. The
multi-function I/O port is configured by way of an 8x6-bit
register bank, configuration and control registers I/O pin 0
CONFIG through I/O pin 7 CONFIG. The contents of these
registers determine whether the port bits function as inputs
or outputs and to which register element each port bit is
assigned. Port bits may be assigned to access different
register elements or any or all port bits may be assigned to
access the same register element (an unlikely or unusual
situation). Controls and indicators that are accessible by the
port and their corresponding selection addresses are given
in the I/O Pin Configuration Register Addresses,
Table 6.
Table 2 gives the control register bit assignments.
Caution: When writing data into the control registers via the
multi-function I/O port, ACLK must be toggled to register the
data as shown in
Figure 4. It is not necessary to toggle
ACLK when reading data from the multi-function I/O port.
Example: Program multi-function I/O port bit-0 as the CRC
Luma Error bit output.
1.
Set ANC/CTRL to a logic-low.
2.
Set RD/WR to a logic-low.
3.
Present 00Fh to AD[9:0] as the I/O PIN 0 CONFIG
register address.
4.
Toggle ACLK.
5.
Present 310h to AD[9:0] as the register data.
6.
Toggle ACLK.
EDH/CRC SYSTEM
The CLC030 has EDH and CRC character generation and
insertion circuitry. The EDH system functions as described
in SMPTE Recommended Practice RP-165. The CRC sys-
tem functions as specified in SMPTE 292M. The EDH/CRC
polynomial generators accept parallel data from the input
register and generate the EDH and CRC check words for
insertion in the serial data. Incoming parallel data is checked
for errors and the EDH flags are updated automatically. EDH
check words and status flags for SDTV data are generated
using the polynomial X
16 +X12 +X6 + 1 per SMPTE RP165.
EDH check words are inserted in the serial data stream at
the correct positions in the ancilliary data space and format-
ted per SMPTE 291M. Generation and automatic insertion of
the EDH check words is controlled by EDH Force and EDH
Enable bits in the control registers. After a reset, the initial
state of all EDH and CRC check characters is 00h.
The SMPTE 292M high definition video standard employs
CRC (cyclic redundancy check codes) error checking in-
stead of EDH. The CRC consists of two 18-bit words gener-
ated using the polynomial X
18 +X5 +X4 + 1 per SMPTE
292M. One CRC is used for luminance and one for chromi-
nance data. CRC data is inserted at the required place in the
video data according to SMPTE 292M. The CRCs appear in
the data stream following the EAV and line number charac-
ters.
EDH and CRC errors are reported in the EDH0, EDH1, and
EDH2 register sets of the configuration and control registers.
PHASE-LOCKED LOOP SYSTEM
The phase-locked loop (PLL) system generates the output
serial data clock at 10x (standard definition) or 20x (high
definition) the parallel data clock frequency. This system
consists of a VCO, divider chain, phase-frequency detector
and internal loop filter. The VCO free-running frequency is
internally set. The PLL automatically generates the appropri-
ate frequency for the serial clock rate using the parallel data
clock (VCLK) frequency as its reference. Loop filtering is
internal to the CLC030. The VCO has separate analog and
digital power supply feeds: V
DDPLLA pin 62, VSSPLLA pin 61,
V
DDPLLD pin 1, and VSSPLLD pin 2. These may be separately
supplied power via external low-pass filters, if desired. PLL
acquisition time is less than 200µs @ 1,485 Mbps. The VCO
halts when VCLK signal is not present or is inactive.
A LOCK DETECT indicator function is available as a bit in
the VIDEO INFO 0 control registers. LOCK DETECT is a
logic-1 when the PLL is locked and can be assigned as an
output on the multifunction I/O port. The power-on or reset
default assigns LOCK DETECT as I/O Port bit 4. This func-
tion also includes logic to check the stability of the device
after the digital logic reset is released following PLL lock. If
the system is not fully stable, the logic is automatically reset.
LOCK DETECT also combines the function of indicating that
DS200003-11
FIGURE 3. Ancilliary Data Write Timing
DS200003-12
FIGURE 4. I/O Port Data Write Timing
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com