Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC030 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC030
Description  SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC030 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button CLC030 Datasheet HTML 19Page - National Semiconductor (TI) CLC030 Datasheet HTML 20Page - National Semiconductor (TI) CLC030 Datasheet HTML 21Page - National Semiconductor (TI) CLC030 Datasheet HTML 22Page - National Semiconductor (TI) CLC030 Datasheet HTML 23Page - National Semiconductor (TI) CLC030 Datasheet HTML 24Page - National Semiconductor (TI) CLC030 Datasheet HTML 25Page - National Semiconductor (TI) CLC030 Datasheet HTML 26Page - National Semiconductor (TI) CLC030 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Device Operation (Continued)
TABLE 5. Test Pattern Selection Codes (Continued)
Test Pattern Select Word Bits >
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
525 Line, 30 Frame, 27 MHz, NTSC 4x3 (SMPTE 125M)
Ref. Black
0
0
0
0
0
0
PLL Path.
0
0
0
0
0
1
EQ Path.
0
0
0
0
1
0
Colour Bars (SD BIST)
0
0
0
0
1
1
625 Line, 25 Frame, 27 MHz, PAL 4x3 (ITU-T BT.601)
Ref. Black
0
1
0
0
0
0
PLL Path. (SD BIST)
0
1
0
0
0
1
EQ Path.
0
1
0
0
1
0
Colour Bars
0
1
0
0
1
1
525 Line, 30 Frame, 36 MHz, NTSC 16x9 (SMPTE 125M)
Ref. Black
0
0
0
1
0
0
PLL Path.
0
0
0
1
0
1
EQ Path.
0
0
0
1
1
0
Colour Bars
0
0
0
1
1
1
625 Line, 25 Frame, 36 MHz, PAL 16x9 (ITU-T BT.601)
Ref. Black
0
1
0
1
0
0
PLL Path.
0
1
0
1
0
1
EQ Path.
0
1
0
1
1
0
Colour Bars
0
1
0
1
1
1
525 Line, 30 Frame, 54 MHz (NTSC)
Ref. Black
0
0
1
0
0
0
PLL Path.
0
0
1
0
0
1
EQ Path.
0
0
1
0
1
0
Colour Bars
0
0
1
0
1
1
625 Line, 25 Frame, 54 MHz (PAL)
Ref. Black
0
1
1
0
0
0
PLL Path.
0
1
1
0
0
1
EQ Path.
0
1
1
0
1
0
Colour Bars
0
1
1
0
1
1
Note:SD BIST patterns are NTSC 4x3 Colour Bars and PAL 4x3 PLL Pathological. HD BIST patterns are colour bars for each format.
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com