Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5064 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC5064
Description  Low Noise and High Gain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5064 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC5064 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5064 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5064 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5064 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5064 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5064 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5064 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
4
isc Silicon NPN RF Transistor
2SC5064
S-PARAMETER
VCE = 5 V, IC = 5 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.753
-43.7
10.247
140.6
0.040
65.6
0.827
-22.6
400
0.531
-75.1
7.684
117.2
0.060
57.1
0.648
-30.3
600
0.384
-96.4
5.815
103.0
0.074
56.1
0.551
-32.0
800
0.305
-112.6
4.532
93.6
0.086
57.0
0.500
-32.3
1000
0.255
-126.3
3.788
86.3
0,099
58.9
0.472
-32.4
1200
0.224
-138.4
3.244
80.7
0,112
60.2
0.455
-32.2
1400
0.203
-150.1
2.833
75.4
0.127
60.3
0.442
-32.6
1600
0.187
-159.4
2.529
70.6
0,139
60.0
0.434
-33.0
1800
0.174
-166.5
2.283
66.7
0,150
60.3
0.429
-32.6
2000
0.176
-171.2
2.107
63.0
0,164
59.2
0.428
-32.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com