Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5064 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC5064
Description  Low Noise and High Gain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5064 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC5064 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5064 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5064 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5064 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5064 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5064 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5064 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INCHANGE Semiconductor
isc RF Product Specification
5
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5064
VCE = 5 V, IC = 10 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.591
-58.0
14.955
129.6
0.034
64.3
0.714
-27.5
400
0.367
-90.3
9.581
107.5
0.052
61.9
0.534
-30.8
600
0.260
-110.7
6.781
96.1
0.067
63.9
0.462
-30.1
800
0.209
-126.9
5.207
88.6
0.083
65.2
0.428
-29.2
1000
0.178
-141.8
4.269
82.5
0.100
66.4
0.412
-28.6
1200
0.160
-153.7
3.618
77.7
0.117
66.7
0.403
-28.3
1400
0.150
-166.3
3.152
72.7
0.135
65.4
0.398
-28.8
1600
0.141
-175.2
2.801
68.7
0.149
64.0
0.393
-29.4
1800
0.130
178.2
2.521
65.0
0.163
63.4
0.392
-29.0
2000
0.133
174.0
2.314
61.7
0.179
61.3
0.395
-28.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com