Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5090 Datasheet(PDF) 4 Page - Inchange Semiconductor Company Limited

Part # 2SC5090
Description  High Gain Bandwidth Product
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5090 Datasheet(HTML) 4 Page - Inchange Semiconductor Company Limited

  2SC5090 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5090 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5090 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5090 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5090 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5090 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5090 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
4
isc Silicon NPN RF Transistor
2SC5090
S-PARAMETER
VCE = 8 V, IC = 5 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.683
-50.1
10.186
138.3
0.049
62.0
0.773
-30.0
400
0.462
-86.9
7.472
114.6
0.071
54.3
0.556
-39.6
600
0.343
-113.1
5.618
100.9
0.086
53.8
0.448
-41.7
800
0.282
-133.6
4.407
91.7
0.101
55.3
0.392
-41.6
1000
0.249
-151.0
3.663
84.7
0,115
57.2
0.360
-41.7
1200
0.236
-166.6
3.128
78.7
0,131
58.9
0.339
-41.7
1400
0.233
179.7
2.759
73.1
0.150
60.1
0.330
-42.8
1600
0.234
168.3
2.457
68.2
0,168
60.0
0.319
-45.0
1800
0.238
158.6
2.224
63.4
0.185
60.0
0.311
-47.9
2000
0.251
149.6
2.038
59.4
0,203
60.4
0.302
-50.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com