Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5090 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC5090
Description  High Gain Bandwidth Product
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5090 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC5090 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5090 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5090 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5090 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5090 Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2SC5090 Datasheet HTML 6Page - Inchange Semiconductor Company Limited 2SC5090 Datasheet HTML 7Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INCHANGE Semiconductor
isc RF Product Specification
5
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5090
VCE = 8 V, IC = 20 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
200
0.319
-91.9
18.383
126.7
0.033
65.3
0.494
-43.5
400
0.213
-134.2
10.303
99.2
0.054
68.9
0.312
-42.4
600
0.185
-160.0
7.111
90.3
0.076
70.8
0.258
-37.6
800
0.176
-178.2
5.415
84.3
0.098
71.2
0.236
-34.3
1000
0.174
167.8
4.400
79.2
0,120
71.1
0.228
-32.0
1200
0.178
156.8
3.712
74.8
0,143
70.3
0.226
-31.5
1400
0.186
147.5
3.236
70.3
0.168
68.7
0.226
-32.8
1600
0.194
139.7
2.874
66.3
0,190
66.6
0.223
-35.9
1800
0.199
133.7
2.583
62.6
0.211
64.9
0.216
-39.0
2000
0.215
127.8
2.369
58.8
0,232
63.5
0.211
-41.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com