Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5218 Datasheet(PDF) 5 Page - Inchange Semiconductor Company Limited

Part # 2SC5218
Description  High Gain Bandwidth Product
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5218 Datasheet(HTML) 5 Page - Inchange Semiconductor Company Limited

  2SC5218 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5218 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5218 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5218 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5218 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
INCHANGE Semiconductor
isc RF Product Specification
5
isc website:www.iscsemi.cn
isc Silicon NPN RF Transistor
2SC5218
S-PARAMETER
VCE = 5 V, IC = 5 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.817
–34.7
14.1
156
0.034
72.3
0.916
–19.8
200
0.701
–64.5
11.6
136
0.058
59.8
0.761
–34.8
300
0.602
–88.3
9.32
122
0.073
52.9
0.620
–43.9
400
0.536
–106
7.61
112
0.083
49.8
0.520
–49.3
500
0.495
–120
6.40
105
0.091
48.9
0.447
–52.5
600
0.468
–132
5.50
99.5
0.097
49.3
0.396
–54.5
700
0.447
–141
4.80
94.9
0.104
50.0
0.357
–55.7
800
0.434
–150
4.27
90.9
0.110
50.9
0.327
–56.5
900
0.423
–157
3.83
87.2
0.117
52.1
0.305
–57.5
1000
0.428
–164
3.50
83.9
0.124
53.3
0.287
–58.4
VCE = 5 V, IC = 20 mA, ZO = 50Ω
Freque.
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.529
–70.4
29.9
136
0.025
64.9
0.716
–39.8
200
0.427
–111
19.0
115
0.038
60.3
0.462
–56.6
300
0.386
–134
13.4
104
0.048
61.8
0.330
–63.2
400
0.370
–150
10.2
98.0
0.058
64.3
0.260
–66.2
500
0.366
–159
8.28
93.7
0.069
66.6
0.214
–67.8
600
0.367
–167
6.96
89.7
0.080
67.8
0.184
–68.8
700
0.364
–174
6.01
87.0
0.091
68.7
0.162
–69.1
800
0.360
–179
5.28
84.2
0.102
69.5
0.146
–69.7
900
0.362
176
4.71
81.7
0.115
69.4
0.133
–70.4
1000
0.364
171
4.27
79.3
0.126
69.6
0.123
–71.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com