Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5218 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC5218
Description  High Gain Bandwidth Product
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC5218 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC5218 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC5218 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC5218 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC5218 Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2SC5218 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN RF Transistor
2SC5218
DESCRIPTION
·
High Gain Bandwidth Product
fT = 9 GHz TYP.
·
High Gain, Low Noise Figure
PG = 13.0 dB TYP., NF = 1.2 dB TYP @ f = 900 MHz
APPLICATIONS
·
Designed for use in VHF ~ UHF amplifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
15
V
VCEO
Collector-Emitter Voltage
9
V
VEBO
Emitter-Base Voltage
1.5
V
IC
Collector Current-Continuous
50
mA
PC
Collector Power Dissipation
@TC=25℃
0.15
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SC5218

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5218 HITACHI-2SC5218 Datasheet
46Kb / 8P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC5218 RENESAS-2SC5218 Datasheet
173Kb / 10P
Silicon NPN Epitaxial
More results

Similar Description - 2SC5218

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
High Gain Bandwidth Product
2SC3862 ISC-2SC3862 Datasheet
218Kb / 4P
High Gain Bandwidth Product
2SC4197 ISC-2SC4197 Datasheet
214Kb / 6P
High Gain Bandwidth Product
2SC4196 ISC-2SC4196 Datasheet
204Kb / 6P
High Gain Bandwidth Product
2SC4807 ISC-2SC4807 Datasheet
212Kb / 5P
High Gain-Bandwidth Product
2SC4988 ISC-2SC4988 Datasheet
216Kb / 5P
High Gain Bandwidth Product
2SC5084 ISC-2SC5084 Datasheet
267Kb / 5P
High Gain Bandwidth Product
2SC5089 ISC-2SC5089 Datasheet
319Kb / 7P
High Gain Bandwidth Product
2SC5090 ISC-2SC5090 Datasheet
322Kb / 7P
High Gain Bandwidth Product
2SC5227 ISC-2SC5227 Datasheet
266Kb / 5P
High Gain Bandwidth Product
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com