Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1606 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD1606
Description  High DC Current Gain
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1606 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD1606 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1606 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Darlington Power Transistor
2SD1606
DESCRIPTION
·
Collector-Emitter Breakdown Voltage-
: V(BR)CEO= 120V(Min)
·
High DC Current Gain
: hFE= 1000(Min) @IC= 3A
APPLICATIONS
·
Designed for low frequency power amplifiers applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
120
V
VCEO
Collector-Emitter Voltage
120
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
6
A
ICP
Collector Current-Peak
12
A
PC
Collector Power Dissipation
@ TC=25℃
40
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃


Similar Part No. - 2SD1606

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SD1606 RENESAS-2SD1606 Datasheet
150Kb / 7P
Silicon NPN Triple Diffused
More results

Similar Description - 2SD1606

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MJE700 SAMSUNG-MJE700 Datasheet
252Kb / 6P
NPN (HIGH DC CURRENT GAIN)
TIP105 SAMSUNG-TIP105 Datasheet
262Kb / 6P
PNP (HIGH DC CURRENT GAIN MIN
TIP145F SAMSUNG-TIP145F Datasheet
175Kb / 4P
PNP (HIGH DC CURRENT GAIN)
logo
Rohm
2SB1183 ROHM-2SB1183 Datasheet
59Kb / 1P
Darlington connection for high DC current gain.
logo
New Jersey Semi-Conduct...
2N5611 NJSEMI-2N5611 Datasheet
71Kb / 2P
DC Current Gain-
logo
Inchange Semiconductor ...
2SC4005 ISC-2SC4005 Datasheet
198Kb / 2P
High DC current gain.
logo
Unisonic Technologies
BD135G-XX-AA3-R UTC-BD135G-XX-AA3-R Datasheet
121Kb / 3P
high DC current gain
NP1510G-XX-AN6-R UTC-NP1510G-XX-AN6-R Datasheet
122Kb / 3P
High DC current gain
logo
SHIKUES Electronics
2SB624 SKTECHNOLGY-2SB624 Datasheet
635Kb / 1P
Micro package High dc current gain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com