Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL48 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # LL48
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

LL48 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  LL48 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. LL48 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. LL48 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
SEMICONDUCT OR
LL48
SMALL SIGNAL SCHOTTKY DIODES
FEATURES
MECHANICAL DATA
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS
For general purpose applications
These diodes features very low turn-on voltage and fast switching
These devices are protected by a PN junction guard ring
against excessive voltage, such as electrostatic discharges.
This diode is also available in the DO-35 case with type designation BAT48.
VRRM
IFRM
IFSM
Repetitive Peak Reveres Voltage
Repetitive Peak Forward Current at t 1s,
0.5,
p
<<
d
Surge forward current at t
10ms ,
p
<
Junction temperature
Power Dissipation at
IF
Ambient Operating
temperature Range
Storage T
emperature Range
TSTG
TA
TJ
Ptot
Forward Continuous Current at
T =65°C
A
1) Valid provided that electrodes are kept at ambient temperature
A
A
mA
mW
V
-65 to+150
-65 to+125
125
1
7.5
330
40
350
1)
1)
1)
1)
Reverse Breakdown Voltage Tested with 100 A Pulses
m
Leakage current
pulse test t
300 s ,
2%
at V =10V
at V =10V, T =60°C
at V =20V
at V =20V, T =60°C
at V =40V
at V =40V, T =60°C
p
R
RJ
R
RJ
R
RJ
<<
md
Forward voltage
Pulse Test t
300 s,
2%
at I =0.1mA,
at I =10mA,
at I =250mA
p
F
F
F
<<
md
40
2
0.25
15
25
25
50
0.45
0.90
2
5
Thermal resistance junction to ambient Air
Junction Capacitance at V =1V ,f=1MHz
R
V(BR)R
RqJA
V
V
V
V
mA
mA
mA
mA
mA
mA
pF
°/W
C
VF
VF
VF
IR
IR
IR
IR
IR
IR
CJ
1) Valid provided that electrodes are kept at ambient temperature
300
1)
Case MiniMELF glass case(SOD-80)
Weight Approx. 0.05 gram
:
:
Symbols
Units
Value
Min.
Typ.
Max.
Unis
Symbols
MiniMELF
Dimensions in inches and (millimeters)
0.142(3.6)
0.126(3.2)
0.019(0.48)
0.011(0.28)
0.063(1.6)
0.055(1.4)
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
31
-
High temperature soldering guaranteed 260°C 10 seconds at terminals
:/
Component in accordance to RoHS 2011 65 EU
//
°
C
°
C
°
C
T =25°C
A
T =25°C
A
T =25°C
A


Similar Part No. - LL48

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
LL48 GE-LL48 Datasheet
47Kb / 2P
Schottky Diodes
logo
Micro Commercial Compon...
LL48 MCC-LL48 Datasheet
387Kb / 3P
Small Signal Schottky Diode
logo
SynSemi, Inc.
LL48 SYNSEMI-LL48 Datasheet
29Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shanghai Lunsure Electr...
LL48 CHENYI-LL48 Datasheet
354Kb / 3P
small signal schottky diode
logo
GOOD-ARK Electronics
LL48 GOOD-ARK-LL48 Datasheet
62Kb / 2P
Small-Signal Diode Schottky Diode
More results

Similar Description - LL48

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com