Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL48 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # LL48
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

LL48 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  LL48 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. LL48 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. LL48 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES LL48
Figure 1. Forward current versus forward voltage
at different temperatures(typical values)
Figure 2. Forward current versus forward voltage
(typical values)
0
0.2
0.2
0.4
0.6
0.8
1
0.4
10
10
1
10
10
10
-2
-1
3
2
0
100
200
300
400
0.6
0.8
1
1.2
V (V)
F
V (V)
F
500
I(mA)
F
I(mA)
F
025
50
10
10
10
1
10
10
-2
-1
2
3
75
100
125
I( A)
R
m
Figure 3.Reverse current versus ambient
temperatures
Tamb=(°C)
max.
90% confidence
VR=20V
typ.
Tj= 25°C
Tamb=100°C
Tamb= 25°C
Tamb= -55°C
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
32
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com