Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL700 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # LL700
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

LL700 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  LL700 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. LL700 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
SEMICONDUCT OR
LL700/LL700A
SMALL SIGNAL SCHOTTKY DIODES
FEATURES
MECHANICAL DATA
ABSOLUTE RATINGS(LIMITING VALUES)
ELECTRICAL CHARACTERISTICS
Case MiniMELF glass case
Polarity: Color band denotes cathode end
Weight Approx. 0.05 gram
:
:
Note: 1.Schottky barrier rectifier diode is sensitive to electric shock(static electricity, etc.).Due attention must be paid
on charge of a human body and leakage from the equipment used.
Low forward voltage drop
Satisfactory wave detection efficiency
Small temperature coefficient of forward characteristics
Extremely low reverse current
These products are ideal for use in ordinary wave detection
and super high speed switching circuits
VR
VRM
IFM
mA
mA
V
V
Io
Average rectified current
Reverse voltage
LL700
LL700
LL700A
LL700A
Peak revers voltage
Peak forward current
Junction temperature
-55 to+125
125
150
30
30
30
15
15
Storage temperature
TSTG
TJ
Forward voltage(DC)
Reverse
Current
LL700
LL700A
I =1mA
F
I =30mA
F
1.3
60
0.4
1
100
150
1
V =15V
R
V =30V
R
V =1V
f=1MHz
R
V =3Vrms
f=30MHz
in
I =I =10mA
FR
I =1mA,R =100k
rr
L
W
R =3.9k
L
W C =10pF
L
Rectifier efficiency
Reverse recovery time
Junction Capacitance
pF
nA
ns
V
V
%
VF1
VF2
trr
IR
CJ
h
(T = 25°C)
A
Symbols
Units
Value
Min.
Typ.
Max.
Unis
Symbols
Parameters
Parameters
Test Conditions
High temperature soldering guaranteed 260
10 seconds at terminals
:℃/
Component in accordance to RoHS 2011 65 EU
//
MiniMELF
Dimensions in inches and (millimeters)
0.142(3.6)
0.126(3.2)
0.019(0.48)
0.011(0.28)
0.063(1.6)
0.055(1.4)
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
°C
°C


Similar Part No. - LL700

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LL700 SEMTECH_ELEC-LL700 Datasheet
153Kb / 1P
SILICON EXPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
logo
Gaomi Xinghe Electronic...
LL700 GXELECTRONICS-LL700 Datasheet
453Kb / 3P
SMALL SINGAL SCHOTTKY DIODES
logo
SUNMATE electronic Co.,...
LL700 SUNMATE-LL700 Datasheet
1Mb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
logo
SEMTECH ELECTRONICS LTD...
LL700A SEMTECH_ELEC-LL700A Datasheet
153Kb / 1P
SILICON EXPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
logo
Gaomi Xinghe Electronic...
LL700A GXELECTRONICS-LL700A Datasheet
453Kb / 3P
SMALL SINGAL SCHOTTKY DIODES
More results

Similar Description - LL700

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com