Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL700 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # LL700
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

LL700 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  LL700 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. LL700 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTICS CURVES LL700,LL700A
0
0
0.2
5
0.4
10
10
10
1
1
10
10
10
10
10
10
10
10
-2
-1
2
2
3
3
4
5
0.6
15
0.8
20
1.0
25
1.2
30
Figure 1. Forward voltage VS. forward current
Figure 3. LL700 Reserse characteristics
Forward Voltage V (V)
F
Reverse Voltage V (V)
R
Reverse Voltage V (V)
R
Ambient Temperature T ( C)
A
°
Figure 2. Forward voltage VS. Ambient Temperature
Figure 4. LL700 Junction Capacitance
0
5
40
10
0
0
-40
0.2
0.4
0.4
0.6
1.2
1.6
2.0
0.8
0.8
10
2.4
80
15
120
20
160
30
25
IF=30mA
IF=10mA
IF=3mA
Tamb=125°C
Ta=125°C
Tamb= 75°C
Ta= 75°C
Tamb= 25°C
Ta= 25°C
Tamb= -20°C
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
22
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com