Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC110 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC110
Description  Wideband, Closed-Loop Monolithic Buffer Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC110 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC110 Datasheet HTML 1Page - National Semiconductor (TI) CLC110 Datasheet HTML 2Page - National Semiconductor (TI) CLC110 Datasheet HTML 3Page - National Semiconductor (TI) CLC110 Datasheet HTML 4Page - National Semiconductor (TI) CLC110 Datasheet HTML 5Page - National Semiconductor (TI) CLC110 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CLC110 Electrical Characteristics (V
cc = ±5V, RL = 100Ω,R
s = 50Ω; unless specified)
Absolute Maximum Ratings
Miscellaneous Ratings
http://www.national.com
2
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Reliability Information
Transistor Count
21
Package Thermal Resistance
Package
θθ
JC
θθ
JA
Plastic (AJP)
65
°C/W
115
°C/W
Surface Mount (AJE)
55
°C/W
125
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com