Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC110 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC110
Description  Wideband, Closed-Loop Monolithic Buffer Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC110 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC110 Datasheet HTML 1Page - National Semiconductor (TI) CLC110 Datasheet HTML 2Page - National Semiconductor (TI) CLC110 Datasheet HTML 3Page - National Semiconductor (TI) CLC110 Datasheet HTML 4Page - National Semiconductor (TI) CLC110 Datasheet HTML 5Page - National Semiconductor (TI) CLC110 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
s
Closed-loop, unity-gain operation
s
-3dB bandwidths of 730MHz (0.5Vpp)
s
0.2% settling in 5ns
s
Low power, 150mW
s
Low distortion, -65dBc at 20MHz
Applications
s
Ultra-fast flash A/D conversion
s
Line driving
s
High-speed communications
s
Impedance transformation
s
Power buffers
s
IF processors
General Description
CLC110
Wideband, Closed-Loop Monolithic Buffer Amplifier
N
June 1999
Pinout
DIP & SOIC
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
CLC110AJP
-40°C to +85°C
8-pin plastic DIP
CLC110AJE
-40°C to +85°C
8-pin plastic SOIC
DESC SMD number: 5962-89975


Similar Part No. - CLC110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC111 NSC-CLC111 Datasheet
252Kb / 10P
Ultra High Slew Rate, Closed Loop Buffer
CLC111AJE NSC-CLC111AJE Datasheet
252Kb / 10P
Ultra High Slew Rate, Closed Loop Buffer
CLC111AJP NSC-CLC111AJP Datasheet
252Kb / 10P
Ultra High Slew Rate, Closed Loop Buffer
CLC114 NSC-CLC114 Datasheet
270Kb / 10P
Quad, Low Power Video Buffer
CLC114AJE NSC-CLC114AJE Datasheet
270Kb / 10P
Quad, Low Power Video Buffer
More results

Similar Description - CLC110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
Low-Power, Wideband, Closed-Loop Buffer
CLC115 NSC-CLC115 Datasheet
350Kb / 6P
Quad, Closed-Loop Monolithic Buffer
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
730 MHz Closed Loop Buffer
logo
Intersil Corporation
HFA1212 INTERSIL-HFA1212 Datasheet
90Kb / 10P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
730MHz Closed Loop Buffer
December 1995
logo
National Semiconductor ...
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
Precision RF Closed Loop Buffer
logo
Intersil Corporation
HFA1212 INTERSIL-HFA1212_04 Datasheet
198Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
High-Speed, Closed-Loop Buffer
logo
Renesas Technology Corp
HFA1212 RENESAS-HFA1212 Datasheet
204Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com