Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1212 Datasheet (PDF) - Intersil Corporation

HFA1212 Datasheet PDF - Intersil Corporation
Part # HFA1212
Download  HFA1212 Download
File Size   90.04 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 350MHz, Low Power Closed Loop Buffer Amplifier

HFA1212 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1212 Datasheet PDF - Intersil Corporation

Part # HFA1212
Download  HFA1212 Click to download

File Size   90.04 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual 350MHz, Low Power Closed Loop Buffer Amplifier

HFA1212 Datasheet (HTML) - Intersil Corporation


HFA1212 Product details

The HFA1212 is a dual closed loop Buffer featuring user programmable gain and high speed performance.
Manufactured on Intersil’s proprietary complementary bipolar UHF-1 process, these devices offer wide -3dB bandwidth of 350MHz, very fast slew rate, excellent gain flatness and high output current.

Features
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . 0.025%
• Differential Phase . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Wide -3dB Bandwidth (AV = +2). . . . . . . . . . . . . . 350MHz
• Very Fast Slew Rate (AV = -1) . . . . . . . . . . . . . . 1100V/µs
• Low Supply Current . . . . . . . . . . . . . . . . . . . . 6mA/Buffer
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
• Excellent Gain Accuracy . . . . . . . . . . . . . . . . . . . 0.99V/V
• User Programmable For Closed-Loop Gains of +1, -1 or +2 Without Use of External Resistors
• Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . . . . . . 8ns
• Standard Operational Amplifier Pinout

Applications
• High Resolution Monitors
• Professional Video Processing
• Medical Imaging
• Video Digitizing Boards/Systems
• RF/IF Processors
• Battery Powered Communications
• Flash Converter Drivers
• High Speed Pulse Amplifiers




Similar Part No. - HFA1212

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1212 INTERSIL-HFA1212 Datasheet
198Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
Renesas Technology Corp
HFA1212 RENESAS-HFA1212 Datasheet
204Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
Intersil Corporation
HFA1212/883 INTERSIL-HFA1212/883 Datasheet
36Kb / 5P
Dual, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
Dual, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212IB INTERSIL-HFA1212IB Datasheet
198Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
More results


Similar Description - HFA1212

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
Low-Power, Wideband, Closed-Loop Buffer
CLC110 NSC-CLC110 Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
logo
Intersil Corporation
HFA1115 INTERSIL-HFA1115 Datasheet
159Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
HS-1212RH INTERSIL-HS-1212RH Datasheet
107Kb / 9P
Radiation Hardened, Dual, High Speed Low Power, Video Closed Loop Buffer
1999 08
HFA1115883 INTERSIL-HFA1115883 Datasheet
537Kb / 5P
High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
July 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
Dual, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1115 INTERSIL-HFA1115_04 Datasheet
402Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
HFA1212 INTERSIL-HFA1212_04 Datasheet
198Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
Renesas Technology Corp
HFA1115 RENESAS-HFA1115 Datasheet
408Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
HFA1212 RENESAS-HFA1212 Datasheet
204Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com