Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA1212 Datasheet (PDF) - Renesas Technology Corp

HFA1212 Datasheet PDF - Renesas Technology Corp
Part # HFA1212
Download  HFA1212 Download
File Size   204.85 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 350MHz, Low Power Closed Loop Buffer Amplifier

HFA1212 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1212 Datasheet PDF - Renesas Technology Corp

Part # HFA1212
Download  HFA1212 Click to download

File Size   204.85 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 350MHz, Low Power Closed Loop Buffer Amplifier

HFA1212 Datasheet (HTML) - Renesas Technology Corp


HFA1212 Product details

Features
• Differential Gain . . . . . . . . . . . . . . . . . . . . . . . . . . 0.025%
• Differential Phase. . . . . . . . . . . . . . . . . . . . . 0.03 Degrees
• Wide -3dB Bandwidth (AV = +2) . . . . . . . . . . . . . 350MHz
• Very Fast Slew Rate (AV = -1) . . . . . . . . . . . . . . 1100V/μs
• Low Supply Current . . . . . . . . . . . . . . . . . . . . 6mA/Buffer
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
• Excellent Gain Accuracy . . . . . . . . . . . . . . . . . . . 0.99V/V
• User Programmable For Closed-Loop Gains of +1, -1 or
+2 Without Use of External Resistors
• Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . . . . . . 8ns
• Standard Operational Amplifier Pinout
Applications
• High Resolution Monitors
• Professional Video Processing
• Medical Imaging
• Video Digitizing Boards/Systems
• RF/IF Processors
• Battery Powered Communications
• Flash Converter Drivers
• High Speed Pulse Amplifiers




Similar Part No. - HFA1212

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1212 INTERSIL-HFA1212 Datasheet
90Kb / 10P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
HFA1212 INTERSIL-HFA1212 Datasheet
198Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
HFA1212/883 INTERSIL-HFA1212/883 Datasheet
36Kb / 5P
Dual, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
Dual, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212IB INTERSIL-HFA1212IB Datasheet
90Kb / 10P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
More results


Similar Description - HFA1212

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
Low-Power, Wideband, Closed-Loop Buffer
CLC110 NSC-CLC110 Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
logo
Intersil Corporation
HFA1115 INTERSIL-HFA1115 Datasheet
159Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
September 1998
HFA1212 INTERSIL-HFA1212 Datasheet
90Kb / 10P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
HS-1212RH INTERSIL-HS-1212RH Datasheet
107Kb / 9P
Radiation Hardened, Dual, High Speed Low Power, Video Closed Loop Buffer
1999 08
HFA1115883 INTERSIL-HFA1115883 Datasheet
537Kb / 5P
High Speed, Low Power, Output Limiting Closed Loop Buffer Amplifier
July 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
Dual, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1115 INTERSIL-HFA1115_04 Datasheet
402Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
HFA1212 INTERSIL-HFA1212_04 Datasheet
198Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
logo
Renesas Technology Corp
HFA1115 RENESAS-HFA1115 Datasheet
408Kb / 14P
225MHz, Low Power, Output Limiting, Closed Loop Buffer Amplifier
July 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com