Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2731XMF Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2731XMF
Description  0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2731XMF Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2731XMF Datasheet HTML 1Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 2Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 3Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 4Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 5Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 6Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 7Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 8Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Junction
Temperature Range
−40˚C to +125˚C
Lead Temp. (Soldering, 5 sec.)
300˚C
Power Dissipation (Note 2)
Internally Limited
FB Pin Voltage
−0.4V to +6V
SW Pin Voltage
−0.4V to +22V
Input Supply Voltage
−0.4V to +14.5V
Shutdown Input Voltage
(Survival)
−0.4V to +14.5V
θ
J-A (SOT23-5)
265˚C/W
ESD Rating (Note 3)
Human Body Model
2 kV
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range
(−40˚C
≤ T
J
≤ +125˚C). Unless otherwise specified: V
IN = 5V, VSHDN = 5V, IL = 0A.
Symbol
Parameter
Conditions
Min
(Note 4)
Typical
(Note 5)
Max
(Note 4)
Units
V
IN
Input Voltage
2.7
14
V
V
OUT (MIN)
Minimum Output Voltage
Under Load
R
L =43
Ω
X Option
(Note 8)
V
IN = 2.7V
5.4
7V
V
IN = 3.3V
8
10
V
IN =5V
13
17
R
L =43
Ω
Y Option
(Note 8)
V
IN = 2.7V
8.25
10
V
IN = 3.3V
10.5
12
V
IN =5V
14
16
R
L =15
Ω
X Option
(Note 8)
V
IN = 2.7V
3.75
5
V
IN = 3.3V
5
6.5
V
IN =5V
8.75
11
R
L =15
Ω
Y Option
(Note 8)
V
IN = 2.7V
5
6
V
IN = 3.3V
5.5
7.5
V
IN =5V
9
11
I
SW
Switch Current Limit
(Note 6)
1.8
1.4
2A
R
DS(ON)
Switch ON Resistance
I
SW = 100 mA
Vin=5V
260
400
500
m
Ω
I
SW = 100 mA
Vin = 3.3V
300
450
550
SHDN
TH
Shutdown Threshold
Device ON
1.5
V
Device OFF
0.50
I
SHDN
Shutdown Pin Bias
Current
V
SHDN =0
0
µA
V
SHDN =5V
0
2
V
FB
Feedback Pin Reference
Voltage
V
IN =3V
1.205
1.230
1.255
V
I
FB
Feedback Pin Bias
Current
V
FB = 1.23V
60
500
nA
I
Q
Quiescent Current
V
SHDN = 5V, Switching "X"
2
3.0
mA
V
SHDN = 5V, Switching "Y"
1.0
2
V
SHDN = 5V, Not Switching
400
500
µA
V
SHDN = 0
0.024
1
FB Voltage Line
Regulation
2.7V
≤ V
IN
≤ 14V
0.02
%/V
F
SW
Switching Frequency
(Note 7)
“X” Option
1
1.6
1.85
MHz
“Y” Option
0.40
0.60
0.8
D
MAX
Maximum Duty Cycle
(Note 7)
“X” Option
86
93
%
“Y” Option
92
96
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com