Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2731XMF Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2731XMF
Description  0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2731XMF Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2731XMF Datasheet HTML 8Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 9Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 10Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 11Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 12Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 13Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 14Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 15Page - National Semiconductor (TI) LM2731XMF Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Application Hints (Continued)
20059150
Switch Current Limit vs Duty Cycle - "X"
20059151
Switch Current Limit vs Duty Cycle - "Y"
CALCULATING LOAD CURRENT
As shown in the figure which depicts inductor current, the
load current is related to the average inductor current by the
relation:
I
LOAD =IIND(AVG) x (1 - DC)
Where "DC" is the duty cycle of the application. The switch
current can be found by:
I
SW =IIND(AVG) +
1
⁄2 (I
RIPPLE)
Inductor ripple current is dependent on inductance, duty
cycle, input voltage and frequency:
I
RIPPLE =DCx(VIN-VSW)/(fxL)
combining all terms, we can develop an expression which
allows the maximum available load current to be calculated:
The equation shown to calculate maximum load current
takes into account the losses in the inductor or turn-OFF
switching losses of the FET and diode. For actual load
current in typical applications, we took bench data for vari-
ous input and output voltages for both the "X" and "Y"
versions of the LM2731 and displayed the maximum load
current available for a typical device in graph form:
20059148
Max. Load Current (typ) vs V
IN - "X"
20059149
Max. Load Current (typ) vs V
IN - "Y"
DESIGN PARAMETERS V
SW AND ISW
The value of the FET "ON" voltage (referred to as V
SW in the
equations) is dependent on load current. A good approxima-
tion can be obtained by multiplying the "ON Resistance" of
the FET times the average inductor current.
FET on resistance increases at V
IN values below 5V, since
the internal N-FET has less gate voltage in this input voltage
range (see Typical performance Characteristics curves).
Above V
IN = 5V, the FET gate voltage is internally clamped
to 5V.
The maximum peak switch current the device can deliver is
dependent on duty cycle. For higher duty cycles, see Typical
performance Characteristics curves.
THERMAL CONSIDERATIONS
At higher duty cycles, the increased ON time of the FET
means the maximum output current will be determined by
power dissipation within the LM2731 FET switch. The switch
power dissipation from ON-state conduction is calculated by:
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com