Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS520 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SS520
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SS520 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  SS520 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SS520 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS52 THRU SS520
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 200 Volts
Forward Current - 5.0Amperes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
For surface mount applications
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
Low profile package
uilt-in strain relief ,ideal for automated placement
For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
B
High temperature soldering guaranteed:260 C/10 seconds at terminals
Component in accordance to RoHS 2011 65 EU
°
//
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load,derate by 20%.)
°
R
SEMICONDUCT OR
Notes: 1 Pulse test: 300 s pulse width,1% duty cycle
.
2 P.C.B. mounted 0.55X0.55"(14X14mm) copper pad areas
3 Measured at 1MHz and reverse voltage of 4.0 volts
.
.
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
21
-
Maximum repetitive peak reverse voltage
VRRM
Volts
Volts
Volts
Volts
m
A
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
CJ
TJ
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
(see fig.1)
Maximum instantaneous forward voltage
at 5.0 A(Note 1 )
Typical thermal resistance (Note 2)
Typical junction capacitance(Note 3)
Operating junction temperature range
Storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method at rated T )
L
5.0
150.0
-55 to+150
400
500
70 0
.
25 0
.
100
5
0.55
0.70
P
F
°C/W
°C
°C
20
14
20
30
21
30
40
28
40
60
42
60
100
71
100
Symbols
Units
SS
52
SS
53
SS
54
SS
56
SS
510
SS
520
SS
515
200
140
200
150
105
150
0.90
0.85
095
.
20
-
-
3
-55 to+150
Case: JEDEC SMB(DO-214AA) molded plastic body
Terminals: solder plated ,solderable per MIL-STD-750,method 2026
Polarity: color band denotes cathode end
Weight: 0.003ounce,0.093 gram
T =25 C
A
°
T =100 C
A
°
T =125 C
A
°
RθJA
RθJL
A
μ
Dimensions in inches and (millimeters)
SMB(DO-214AA)
0.086(2.20)
0.096(2.44)
0.193(4.90)
0.220(5.59)
0.060(1.52)
0.012(0.305)
0.008(0.203)
MAX
0.155(3.94)
0.075(1.91)
0.083(2.13)
0.160(4.06)
0.197(5. )
00
0.030(0.76)
0.004(0.100)
0.130(3.30)


Similar Part No. - SS520

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS520 HONEYWELL-SS520 Datasheet
72Kb / 4P
Dual Hall-effect Digital Position Sensors with speed & direction outputs
logo
Shenzhen Luguang Electr...
SS520 LUGUANG-SS520 Datasheet
395Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
SS520 GXELECTRONICS-SS520 Datasheet
360Kb / 2P
SCHOTTKY BARRIER RECTIFLER
logo
Microdiode Semiconducto...
SS520 CHENDA-SS520 Datasheet
360Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
logo
First Components Intern...
SS520 FCI-SS520 Datasheet
71Kb / 2P
500 mA SURFACE MOUNT SCHOTTKY BARRIER RECTIFERS
More results

Similar Description - SS520

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com