Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP11 Datasheet(PDF) 7 Page - Analog Devices

Part # OP11
Description  Quad Matched 741-Type Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11 Datasheet(HTML) 7 Page - Analog Devices

  OP11 Datasheet HTML 1Page - Analog Devices OP11 Datasheet HTML 2Page - Analog Devices OP11 Datasheet HTML 3Page - Analog Devices OP11 Datasheet HTML 4Page - Analog Devices OP11 Datasheet HTML 5Page - Analog Devices OP11 Datasheet HTML 6Page - Analog Devices OP11 Datasheet HTML 7Page - Analog Devices OP11 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
–7–
OP11
REV. A
TIME – ns
20
0
200
400
600
800
20
0
VS = 15V
RL = 2k
TA = 25 C
CL = 100pF
TPC 13. Transient Response
TIME – s
0
020
2
468
10
12
14
16
18
3
2
2
3
1
1
VS = 15V
RL = 2k
TA = 25 C
CL = 100pF
TPC 14. Voltage Follower Pulse Response
FREQUENCY – Hz
28
24
0
1k
1M
10k
100k
20
16
12
8
4
(27)
VS = 15V
RL = 2k
TA = 25 C
TPC 15. Maximum Output Swing vs. Frequency
LOAD RESISTANCE TO GROUND – k
16
14
0
0.1
10
1
12
10
2
8
6
4
NEGATIVE SWING
POSITIVE SWING
VS = 15V
TA = 25 C
TPC 16. Output Voltage vs. Load Resistance
TOTAL SUPPLY VOLTAGE – V
5
4
0
040
10
20
30
3
2
1
TA = 25 C
TPC 17. Quiescent Current vs. Supply Voltage
TEMPERATURE – C
140
130
100
60
140
40
20
020
406080
100
120
120
110
VS = 15V
TPC 18. Power Consumption vs. Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com