Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP11 Datasheet(PDF) 2 Page - Analog Devices

Part # OP11
Description  Quad Matched 741-Type Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP11 Datasheet(HTML) 2 Page - Analog Devices

  OP11 Datasheet HTML 1Page - Analog Devices OP11 Datasheet HTML 2Page - Analog Devices OP11 Datasheet HTML 3Page - Analog Devices OP11 Datasheet HTML 4Page - Analog Devices OP11 Datasheet HTML 5Page - Analog Devices OP11 Datasheet HTML 6Page - Analog Devices OP11 Datasheet HTML 7Page - Analog Devices OP11 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. A
OP11–SPECIFICATIONS
OP11A/OP11E
OP11F
OP11G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
RS = 10 k
W
0.3
0.5
0.6
2.5
1.2
5.0
mV
Input Offset Current
IOS
5.5
20
25
50
75
200
nA
Input Bias Current
IB
180
300
300
500
300
500
nA
Input Resistance
Differential Mode
1
RIN
0.17
0.29
0.1
0.17
0.1
0.17
M
W
Input Voltage Range
IVR
±12
±13
±12
±13
±12
±13
V
Common-Mode
CMRR
Rejection Ratio
VCM =
±12 V, RS = 10 kW
100
120
100
120
70
100
dB
Power Supply
VS =
±5 V to ±15 V,
Rejection Ratio
PSRR
RS
£ 10 kW
432
4
32
10
100
mV/V
Output Voltage
Swing
VO
RL = 2 k
W±11
±13
±11
±13
±11
±13
V
Large-Signal
Voltage Gain
AVO
RL
£ 2 kW, VO = ±10 V
100
650
100
650
50
500
V/mV
Power Consumption
2
Pd
VO = 0 V
105
180
123
180
210
340
mW
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
0.7
0.7
0.7
mV p-p
Input Noise Voltage
en
fO = 10 Hz
18
18
18
nV
/÷Hz
Density
fO = 100 Hz
14
14
14
nV
/÷Hz
fO = 1 MHz
12
12
12
nV
/÷Hz
Input Noise Current
In p-p
0.1 Hz to 10 Hz
17
17
17
pA p-p
Input Noise Current
In
fO = 10 Hz
1.8
1.8
1.8
pA
/÷Hz
Density
fO = 100 Hz
1.5
1.5
1.5
pA
/÷Hz
fO = 1 MHz
1.2
1.2
1.2
pA
/÷Hz
Channel Separation
CS
100
130
100
130
130
dB
Slew Rate
2
SR
0.7
1.0
0.7
1.0
0.7
1.0
V/
ms
Large Signal
Bandwidth3
VO = 20 V p-p
11
16
11
16
11
16
kHz
Closed-Loop
Bandwidth4
BW
AVCL = 1
2.4
3.0
2.4
3.0
2.4
3.0
MHz
Rise Time3
tf
AV = 1, VIN = 50 mV
110
145
110
145
110
145
ns
Overshoot
3
OS
15
25
15
25
15
25
%
NOTES
1Guaranteed by input bias current.
2Total dissipation for all four amplifiers in package.
3Sample tested.
4Guaranteed by rise time.
Specifications subject to change without notice
ELECTRICAL CHARACTERISTICS (@ V
S =
15 V, TA = 25 C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com