Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC115 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC115
Description  Quad, Closed-Loop Monolithic Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC115 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC115 Datasheet HTML 1Page - National Semiconductor (TI) CLC115 Datasheet HTML 2Page - National Semiconductor (TI) CLC115 Datasheet HTML 3Page - National Semiconductor (TI) CLC115 Datasheet HTML 4Page - National Semiconductor (TI) CLC115 Datasheet HTML 5Page - National Semiconductor (TI) CLC115 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
s
Closed-loop, quad buffer
s
700MHz small-signal bandwidth
s
270V/
µs slew rate
s
0.08%/0.04° differential gain/phase
s
60dB channel isolation (10MHz)
s
-62dBc 2nd and 3rd harmonics at 20MHz
s
60mA current output per channel
Applications
s
Multi-channel video distribution
s
Video switching buffers
s
High-speed analog multiplexing
s
Channelized EW
s
High-density buffering
s
Instrumentation amps
s
Active filters
General Description
CLC115
Quad, Closed-Loop Monolithic Buffer
N
June 1999
Pinout
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
CLC115AJP
-40°C to +85°C
8-pin plastic DIP
CLC115AJE
-40°C to +85°C
8-pin plastic SOIC
CLC115ALC -40°C to +85°C
dice
CLC115AMC -55°C to +125°C
dice qualified to Method 5008,
MIL-STD-883, Level B
MIL-STD-883, Level B
Contact factory for other packages and DESC SMD number.


Similar Part No. - CLC115

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC110 NSC-CLC110 Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AI NSC-CLC110AI Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AJE NSC-CLC110AJE Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AJP NSC-CLC110AJP Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
CLC110AM NSC-CLC110AM Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
More results

Similar Description - CLC115

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC110 NSC-CLC110 Datasheet
305Kb / 6P
Wideband, Closed-Loop Monolithic Buffer Amplifier
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
High-Speed, Closed-Loop Buffer
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
730 MHz Closed Loop Buffer
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
logo
National Semiconductor ...
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
730MHz Closed Loop Buffer
December 1995
logo
National Semiconductor ...
LH4003 NSC-LH4003 Datasheet
184Kb / 6P
Precision RF Closed Loop Buffer
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
Precision RF Closed Loop Buffer
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
Quad, High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
High-Speed, Closed-Loop Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com