Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC115 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC115
Description  Quad, Closed-Loop Monolithic Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC115 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC115 Datasheet HTML 1Page - National Semiconductor (TI) CLC115 Datasheet HTML 2Page - National Semiconductor (TI) CLC115 Datasheet HTML 3Page - National Semiconductor (TI) CLC115 Datasheet HTML 4Page - National Semiconductor (TI) CLC115 Datasheet HTML 5Page - National Semiconductor (TI) CLC115 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CLC115 Electrical Characteristics (V
cc = +5V, RL = 100Ω; unless specified)
http://www.national.com
2
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Reliability Information
Transistor Count
64
Package Thermal Resistance
Package
θθ
JC
θθ
JA
Plastic (AJP)
55
°C/W
105
°C/W
Surface Mount (AJE)
45
°C/W
115
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com