Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3002 Datasheet(PDF) 43 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3002 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 39Page - Texas Instruments TAS3002 Datasheet HTML 40Page - Texas Instruments TAS3002 Datasheet HTML 41Page - Texas Instruments TAS3002 Datasheet HTML 42Page - Texas Instruments TAS3002 Datasheet HTML 43Page - Texas Instruments TAS3002 Datasheet HTML 44Page - Texas Instruments TAS3002 Datasheet HTML 45Page - Texas Instruments TAS3002 Datasheet HTML 46Page - Texas Instruments TAS3002 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
7–3
Bass and treble cannot download in this mode. Mixer1 and Mixer2 registers can download in this mode or normal
mode (FL bit = 0).
Once the download is complete, the fast load bit must be cleared by writing a 0 into bit 7 of main control register 1
(MCR1). This puts the TAS3002 device into normal mode.
7.2.5
Codec Reset
During initialization, the output of the codec is disabled. Throughout reset and initialization, the output of the DAC is
muted to prevent extraneous noise being sent to the system output.
Data from the ADC and other internal processing is purged so that when reset/initialization is complete, only valid
inputs are sent to the system output.
7.3
Power-Down Mode
The TAS3002 device has an asynchronous power-down mode. In the power-down mode, the internal control
registers and equalization programming of the device are stored in the device.
To enter power-down mode:
1.
Assert the power-down control signal (1)
2.
Set the serial audio input clocks to 0
The TAS3002 device goes into power-down mode.
To exit the power-down mode:
1.
Assert RESET (logic 0)
2.
Restart the serial audio clocks
3.
Wait for a delay of 1.0 ms (to allow the PLL to lock)
4.
Negate the power-down control signal (logic 0)
5.
Negate RESET (logic 1)
The device then returns to the state it was in before power down (resumes normal operation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com